Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 85Page - STMicroelectronics ST7LITE49M Datasheet HTML 86Page - STMicroelectronics ST7LITE49M Datasheet HTML 87Page - STMicroelectronics ST7LITE49M Datasheet HTML 88Page - STMicroelectronics ST7LITE49M Datasheet HTML 89Page - STMicroelectronics ST7LITE49M Datasheet HTML 90Page - STMicroelectronics ST7LITE49M Datasheet HTML 91Page - STMicroelectronics ST7LITE49M Datasheet HTML 92Page - STMicroelectronics ST7LITE49M Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 188 page
background image
ST7LITE49M
On-chip peripherals
89/188
Since the Input Capture flags (ICF) for both timers (AT4 timer and LT timer) are set when
signal transition occurs, software must mask one interrupt by clearing the corresponding
ICIE bit before setting the ICS bit.
If the ICS bit changes (from 0 to 1 or from 1 to 0), a spurious transition might occur on the
Input Capture signal because of different values on LTIC and ATIC. To avoid this situation, it
is recommended to do as follows:
1.
First, reset both ICIE bits.
2.
Then set the ICS bit.
3.
Reset both ICF bits.
4.
And then set the ICIE bit of desired interrupt.
Computing a pulse length in long Input Capture mode is not straightforward since both
timers are used. The following steps are required:
1.
At the first Input Capture on the rising edge of the pulse, we assume that values in the
registers are the following:
LTICR = LT1
ATICRH = ATH1
ATICRL = ATL1
Hence ATICR1 [11:0] = ATH1 & ATL1. Refer to Figure 48 on page 90.
2.
At the second Input Capture on the falling edge of the pulse, we assume that the values
in the registers are as follows:
LTICR = LT2
ATICRH = ATH2
ATICRL = ATL2
Hence ATICR2 [11:0] = ATH2 & ATL2.
Now pulse width P between first capture and second capture is given by:
where N is the number of overflows of 12-bit CNTR1.
P
decimal
F9
LT1
LT2
1
++
()
×
0.004ms
×
decimal FFF
N
×
() N ATICR2 ATICR1
1
++
() 1ms
×
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com