Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 39Page - STMicroelectronics ST7LITE49M Datasheet HTML 40Page - STMicroelectronics ST7LITE49M Datasheet HTML 41Page - STMicroelectronics ST7LITE49M Datasheet HTML 42Page - STMicroelectronics ST7LITE49M Datasheet HTML 43Page - STMicroelectronics ST7LITE49M Datasheet HTML 44Page - STMicroelectronics ST7LITE49M Datasheet HTML 45Page - STMicroelectronics ST7LITE49M Datasheet HTML 46Page - STMicroelectronics ST7LITE49M Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 188 page
background image
ST7LITE49M
Supply, reset and clock management
43/188
Figure 17.
Low Voltage Detector vs Reset
Figure 18.
Reset and supply management block diagram
7.4.2
Auxiliary Voltage Detector (AVD)
The Voltage Detector function (AVD) is based on an analog comparison between a VIT-(AVD)
and VIT+(AVD) reference value and the VDD main supply voltage (VAVD). The VIT-(AVD)
reference value for falling voltage is lower than the VIT+(AVD) reference value for rising
voltage in order to avoid parasitic detection (hysteresis).
The output of the AVD comparator is directly readable by the application software through a
real time status bit (AVDF) in the SICSR register. This bit is read only.
Monitoring the VDD main supply
The AVD threshold is selected by the AVD[1:0] bits in the AVDTHCR register.
If the AVD interrupt is enabled, an interrupt is generated when the voltage crosses the
VIT+(AVD) or VIT-(AVD) threshold (AVDF bit is set).
In the case of a drop in voltage, the AVD interrupt acts as an early warning, allowing
software to shut down safely before the LVD resets the microcontroller. See Figure 19.
The interrupt on the rising edge is used to inform the application that the VDD warning state
is over.
VDD
VIT+(LVD)
RESET
VIT-(LVD)
Vhys
LOW VOLTAGE
DETECTOR
(LVD)
AUXILIARY VOLTAGE
DETECTOR
(AVD)
RESET
VSS
VDD
RESET SEQUENCE
MANAGER
(RSM)
AVD Interrupt Request
SYSTEM INTEGRITY MANAGEMENT
WATCHDOG
SICSR
TIMER (WDG)
AVDIE
AVDF
STATUS FLAG
CR0
CR1
LVDRF
0
WDGF
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com