Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 75 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 71Page - STMicroelectronics ST7LITE49M Datasheet HTML 72Page - STMicroelectronics ST7LITE49M Datasheet HTML 73Page - STMicroelectronics ST7LITE49M Datasheet HTML 74Page - STMicroelectronics ST7LITE49M Datasheet HTML 75Page - STMicroelectronics ST7LITE49M Datasheet HTML 76Page - STMicroelectronics ST7LITE49M Datasheet HTML 77Page - STMicroelectronics ST7LITE49M Datasheet HTML 78Page - STMicroelectronics ST7LITE49M Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 188 page
background image
ST7LITE49M
I/O ports
75/188
10.6
Interrupts
The external interrupt event generates an interrupt if the corresponding configuration is
selected with DDR and OR registers and if the I bit in the CC register is cleared (RIM
instruction).
See application notes AN1045 software implementation of I2C bus master, and AN1048 -
software LCD driver
10.7
Device-specific I/O port configuration
The I/O port register configurations are summarised in Section 10.7.1: Standard ports and
Section 10.7.2: Other ports.
10.7.1
Standard ports
10.7.2
Other ports
Table 26.
Description of interrupt events
Interrupt Event
Event flag
Enable
Control bit
Exit from
Wait
Exit from
Halt
External interrupt on selected
external event
-
DDRx
ORx
Yes
Yes
Table 27.
PA5:0, PB7:0, PC7:4 and PC2:0 pins
Mode
DDR
OR
floating input
0
0
pull-up interrupt input
0
1
open drain output
1
0
push-pull output
1
1
Table 28.
PA7:6 pins
Mode
DDR
OR
floating input
0
0
interrupt input
0
1
open drain output
1
0
push-pull output
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com