Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 42Page - STMicroelectronics ST7LITE49M Datasheet HTML 43Page - STMicroelectronics ST7LITE49M Datasheet HTML 44Page - STMicroelectronics ST7LITE49M Datasheet HTML 45Page - STMicroelectronics ST7LITE49M Datasheet HTML 46Page - STMicroelectronics ST7LITE49M Datasheet HTML 47Page - STMicroelectronics ST7LITE49M Datasheet HTML 48Page - STMicroelectronics ST7LITE49M Datasheet HTML 49Page - STMicroelectronics ST7LITE49M Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 188 page
background image
Supply, reset and clock management
ST7LITE49M
46/188
7.5.3
AVD Threshold Selection register (AVDTHCR)
Reset value: 0000 0000 (00h)
Bits 7:5 = CK[2:0] internal RC Prescaler Selection
These bits are set by software and cleared by hardware after a reset. These bits select
the prescaler of the internal RC oscillator. See Figure 13 on page 36 and Table 10.
If the internal RC is used with a supply operating range below 3.3V, a division ratio of at
least 2 must be enabled in the RC prescaler.
Bits 4:2 = Reserved, must be kept cleared.
Bits 1:0 = AVD[1:0] AVD Threshold selection. These bits are used to select the AVD
threshold. They are set and cleared by software. They are set by hardware after a reset.
Bit 1 = AVDF Voltage Detector flag
This read-only bit is set and cleared by hardware. If the AVDIE bit is set, an interrupt
request is generated when the AVDF bit is set. Refer to Figure 19 for additional details
0: VDD over AVD threshold
1: VDD under AVD threshold
Bit 0 = AVDIE Voltage Detector interrupt enable bit
This bit is set and cleared by software. It enables an interrupt to be generated when the
AVDF flag is set. The pending interrupt information is automatically cleared when
software enters the AVD interrupt routine.
0: AVD interrupt disabled
1: AVD interrupt enabled
7
0
CK2
CK1
CK0
0
0
0
AVD1
AVD0
Read/write
Table 10.
Internal RC Prescaler Selection bits
CK2
CK1
CK0
fOSC
00
1
fRC/2
01
0
fRC/4
01
1
fRC/8
10
0
fRC/16
others
fRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com