Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 57Page - STMicroelectronics ST7LITE49M Datasheet HTML 58Page - STMicroelectronics ST7LITE49M Datasheet HTML 59Page - STMicroelectronics ST7LITE49M Datasheet HTML 60Page - STMicroelectronics ST7LITE49M Datasheet HTML 61Page - STMicroelectronics ST7LITE49M Datasheet HTML 62Page - STMicroelectronics ST7LITE49M Datasheet HTML 63Page - STMicroelectronics ST7LITE49M Datasheet HTML 64Page - STMicroelectronics ST7LITE49M Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 188 page
background image
ST7LITE49M
Power saving modes
61/188
Figure 26.
Wait mode flowchart
1.
Before servicing an interrupt, the CC register is pushed on the stack. The I bit of the CC register is set
during the interrupt routine and cleared when the CC register is popped.
9.4
Active-Halt and Halt modes
Active-Halt and Halt modes are the two lowest power consumption modes of the MCU. They
are both entered by executing the ‘HALT’ instruction. The decision to enter either in Active-
Halt or Halt mode is given by the LTCSR/ATCSR register status as shown in the following
table:
WFI INSTRUCTION
RESET
INTERRUPT
Y
N
N
Y
CPU
OSCILLATOR
PERIPHERALS
IBIT
ON
ON
0
OFF
FETCH RESET VECTOR
OR SERVICE INTERRUPT
CPU
OSCILLATOR
PERIPHERALS
IBIT
ON
OFF
0
ON
CPU
OSCILLATOR
PERIPHERALS
IBIT
ON
ON
X 1)
ON
256 CPU CLOCK CYCLE
DELAY
Table 19.
Enabling/disabling Active-Halt and Halt modes
LTCSR TBIE
bit
ATCSR OVFIE
bit
ATCSRCK1 bit ATCSRCK0 bit
Meaning
0x
x0
Active-Halt mode disabled
00
x
x
0111
1
xxx
Active-Halt mode enabled
x
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com