Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 30Page - STMicroelectronics ST7LITE49M Datasheet HTML 31Page - STMicroelectronics ST7LITE49M Datasheet HTML 32Page - STMicroelectronics ST7LITE49M Datasheet HTML 33Page - STMicroelectronics ST7LITE49M Datasheet HTML 34Page - STMicroelectronics ST7LITE49M Datasheet HTML 35Page - STMicroelectronics ST7LITE49M Datasheet HTML 36Page - STMicroelectronics ST7LITE49M Datasheet HTML 37Page - STMicroelectronics ST7LITE49M Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 188 page
background image
Supply, reset and clock management
ST7LITE49M
34/188
7
Supply, reset and clock management
The device includes a range of utility features for securing the application in critical
situations (for example in case of a power brown-out), and reducing the number of external
components. The main features are the following:
Clock Management
8 MHz internal RC oscillator (enabled by option byte)
Auto Wake Up RC oscillator (enabled by option byte)
1 to 16 MHz or 32kHz External crystal/ceramic resonator (selected by option byte)
External Clock Input (enabled by option byte)
Reset Sequence Manager (RSM)
System Integrity Management (SI)
Main supply Low voltage detection (LVD) with reset generation (enabled by option
byte)
Auxiliary Voltage detector (AVD) with interrupt capability for monitoring the main
supply (enabled by option byte)
7.1
RC oscillator adjustment
7.1.1
Internal RC oscillator
The device contains an internal RC oscillator with a specific accuracy for a given device,
temperature and voltage range (4.5V-5.5V). It must be calibrated to obtain the frequency
required in the application. This is done by software writing a 10-bit calibration value in the
RCCR (RC Control register) and in the bits 6:5 in the SICSR (SI Control Status register).
Whenever the microcontroller is reset, the RCCR returns to its default value (FFh), i.e. each
time the device is reset, the calibration value must be loaded in the RCCR. Predefined
calibration values are stored in EEPROM for 3 and 5 V VDD supply voltages at 25 °C (see
Table 5).
Table 5.
Predefined RC oscillator calibration values
RCCR
Conditions
ST7LITE49M
Address
RCCRH0
VDD= 5V
TA= 25°C
fRC = 8 MHz
DEE0h(1) (CR[9:2])
1.
The DEE0h, DEE1h, DEE2h and DEE3h addresses are located in a reserved area in non-volatile memory.
They are read-only bytes for the application code. This area cannot be erased or programmed by any ICC
operations.
For compatibility reasons with the SICSR register, CR[1:0] bits are stored in the 5th and 6th position of
DEE1 and DEE3 addresses.
RCCRL0
DEE1h(1) (CR[1:0])
RCCRH1
VDD = 3.3 V
TA= 25°C
fRC = 8 MHz
DEE2h(1) (CR[9:2])
RCCRL1
DEE3h(1) (CR[1:0])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com