Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 31Page - STMicroelectronics ST7LITE49M Datasheet HTML 32Page - STMicroelectronics ST7LITE49M Datasheet HTML 33Page - STMicroelectronics ST7LITE49M Datasheet HTML 34Page - STMicroelectronics ST7LITE49M Datasheet HTML 35Page - STMicroelectronics ST7LITE49M Datasheet HTML 36Page - STMicroelectronics ST7LITE49M Datasheet HTML 37Page - STMicroelectronics ST7LITE49M Datasheet HTML 38Page - STMicroelectronics ST7LITE49M Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 188 page
background image
ST7LITE49M
Supply, reset and clock management
35/188
In 38-pulse ICC mode, the internal RC oscillator is forced as a clock source, regardless of
the selection in the option byte.
Section 13: Electrical characteristics on page 142 for more information on the frequency
and accuracy of the RC oscillator.
To improve clock stability and frequency accuracy, it is recommended to place a decoupling
capacitor, typically 100nF, between the VDD and VSS pins and also between the VDDA and
VSSA pins as close as possible to the ST7 device.
These bytes are systematically programmed by ST, including on FASTROM devices.
Caution:
If the voltage or temperature conditions change in the application, the frequency may need
to be recalibrated. Refer to application note AN1324 for information on how to calibrate the
RC frequency using an external reference signal.
7.1.2
Auto Wake Up RC oscillator
The ST7LITE49M also contains an Auto Wake Up RC oscillator. This RC oscillator should
be enabled to enter Auto Wake-up from Halt mode.
The Auto Wake Up (AWU) RC oscillator can also be configured as the startup clock through
the CKSEL[1:0] option bits (see Section 14.1: Option bytes on page 175).
This is recommended for applications where very low power consumption is required.
Switching from one startup clock to another can be done in run mode as follows (see
Figure 12):
Case 1 Switching from internal RC to AWU
1.
Set the RC/AWU bit in the CKCNTCSR register to enable the AWU RC oscillator
2.
The RC_FLAG is cleared and the clock output is at 1.
3.
Wait 3 AWU RC cycles till the AWU_FLAG is set
4.
The switch to the AWU clock is made at the positive edge of the AWU clock signal
5.
Once the switch is made, the internal RC is stopped
Case 2 Switching from AWU RC to internal RC
1.
Reset the RC/AWU bit to enable the internal RC oscillator
2.
Using a 4-bit counter, wait until 8 internal RC cycles have elapsed. The counter is
running on internal RC clock.
3.
Wait till the AWU_FLAG is cleared (1AWU RC cycle) and the RC_FLAG is set (2 RC
cycles)
4.
The switch to the internal RC clock is made at the positive edge of the internal RC clock
signal
5.
Once the switch is made, the AWU RC is stopped
Note:
1
When the internal RC is not selected, it is stopped so as to save power consumption.
2
When the internal RC is selected, the AWU RC is turned on by hardware when entering
Auto Wake-Up from Halt mode.
3
When the external clock is selected, the AWU RC oscillator is always on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com