Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 99Page - STMicroelectronics ST7LITE49M Datasheet HTML 100Page - STMicroelectronics ST7LITE49M Datasheet HTML 101Page - STMicroelectronics ST7LITE49M Datasheet HTML 102Page - STMicroelectronics ST7LITE49M Datasheet HTML 103Page - STMicroelectronics ST7LITE49M Datasheet HTML 104Page - STMicroelectronics ST7LITE49M Datasheet HTML 105Page - STMicroelectronics ST7LITE49M Datasheet HTML 106Page - STMicroelectronics ST7LITE49M Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 188 page
background image
ST7LITE49M
On-chip peripherals
103/188
Dead Time Generator register (Dtgr)
Reset value: 0000 0000 (00h)
Bit 7 = DTE Dead Time Enable bit
This bit is read/write by software. It enables a dead time generation on PWM0/PWM1.
0: No Dead time insertion.
1: Dead time insertion enabled.
Bits 6:0 = DT[6:0] Dead Time value
These bits are read/write by software. They define the dead time inserted between
PWM0/PWM1. Dead time is calculated as follows:
Dead Time = DT[6:0] x Tcounter1
Note:
If DTE is set and DT[6:0]=0, PWM output signals will be at their reset state.
7
0
DTE
DT6
DT5
DT4
DT3
DT2
DT1
DT0
Read/write
Table 37.
Register mapping and reset values
Add.
(Hex)
Register
label
76
54
3
2
1
0
0011
ATCSR
Reset Value
0
ICF
0
ICIE
0
CK1
0
CK0
0
OVF1
0
OVFIE1
0
CMPIE
0
0012
CNTR1H
Reset Value
00
00
CNTR1_11
0
CNTR1_10
0
CNTR1_9
0
CNTR1_8
0
0013
CNTR1L
Reset Value
CNTR1_7
0
CNTR1_8
0
CNTR1_7
0
CNTR1_6
0
CNTR1_3
0
CNTR1_2
0
CNTR1_1
0
CNTR1_0
0
0014
ATR1H
Reset Value
00
00
ATR11
0
ATR10
0
ATR9
0
ATR8
0
0015
ATR1L
Reset Value
ATR7
0
ATR6
0
ATR5
0
ATR4
0
ATR3
0
ATR2
0
ATR1
0
ATR0
0
0016
PWMCR
Reset Value
0
OE3
0
0
OE2
0
0
OE1
0
0
OE0
0
0017
PWM0CSR
Reset Value
00
00
0
0
OP0
0
CMPF0
0
0018
PWM1CSR
Reset Value
00
00
0
0
OP1
0
CMPF1
0
0019
PWM2CSR
Reset Value
00
00
0
0
OP2
0
CMPF2
0
001A
PWM3CSR
Reset Value
00
00
OP_EN
0
OPEDGE
0
OP3
0
CMPF3
0
001B
DCR0H
Reset Value
00
00
DCR11
0
DCR10
0
DCR9
0
DCR8
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com