Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 117 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 117 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 113Page - STMicroelectronics ST7LITE49M Datasheet HTML 114Page - STMicroelectronics ST7LITE49M Datasheet HTML 115Page - STMicroelectronics ST7LITE49M Datasheet HTML 116Page - STMicroelectronics ST7LITE49M Datasheet HTML 117Page - STMicroelectronics ST7LITE49M Datasheet HTML 118Page - STMicroelectronics ST7LITE49M Datasheet HTML 119Page - STMicroelectronics ST7LITE49M Datasheet HTML 120Page - STMicroelectronics ST7LITE49M Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 188 page
background image
ST7LITE49M
On-chip peripherals
117/188
Master transmitter
Following the address transmission and after SR1 register has been read, the master
sends bytes from the DR register to the SDA line via the internal shift register.
The master waits for a read of the SR1 register followed by a write in the DR register,
holding the SCL line low (see Figure 57 Transfer sequencing EV8).
When the acknowledge bit is received, the interface sets EVF and BTF bits with an interrupt
if the ITE bit is set.
To close the communication: after writing the last byte to the DR register, set the STOP bit to
generate the Stop condition. The interface goes automatically back to slave mode (M/SL bit
cleared).
Error cases
BERR: Detection of a Stop or a Start condition during a byte transfer. In this case, the
EVF and BERR bits are set by hardware with an interrupt if ITE is set.
Note that BERR will not be set if an error is detected during the first pulse of each 9-bit
transaction:
Single Master mode
If a Start or Stop is issued during the first pulse of a 9-bit transaction, the BERR flag will
not be set and transfer will continue however the BUSY flag will be reset. To work
around this, slave devices should issue a NACK when they receive a misplaced Start or
Stop. The reception of a NACK or BUSY by the master in the middle of communication
gives the possibility to reinitiate transmission.
Multimaster mode
Normally the BERR bit would be set whenever unauthorized transmission takes place
while transfer is already in progress. However, an issue will arise if an external master
generates an unauthorized Start or Stop while the I2C master is on the first pulse pulse
of a 9-bit transaction. It is possible to work around this by polling the BUSY bit during
I2C master mode transmission. The resetting of the BUSY bit can then be handled in a
similar manner as the BERR flag being set.
AF: Detection of a non-acknowledge bit. In this case, the EVF and AF bits are set by
hardware with an interrupt if the ITE bit is set. To resume, set the Start or Stop bit.
The AF bit is cleared by reading the I2CSR2 register. However, if read before the
completion of the transmission, the AF flag will be set again, thus possibly generating a
new interrupt. Software must ensure either that the SCL line is back at 0 before reading
the SR2 register, or be able to correctly handle a second interrupt during the 9th pulse
of a transmitted byte.
ARLO: Detection of an arbitration lost condition.
In this case the ARLO bit is set by hardware (with an interrupt if the ITE bit is set and
the interface goes automatically back to slave mode (the M/SL bit is cleared).
Note:
In all these cases, the SCL line is not held low; however,the SDA line can remain low if the
last bits transmitted are all 0. It is then necessary to release both lines by software. The SCL
line is not held low while AF=1 but by other flags (SB or BTF) that are set at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com