Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 142 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 142 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 138Page - STMicroelectronics ST7LITE49M Datasheet HTML 139Page - STMicroelectronics ST7LITE49M Datasheet HTML 140Page - STMicroelectronics ST7LITE49M Datasheet HTML 141Page - STMicroelectronics ST7LITE49M Datasheet HTML 142Page - STMicroelectronics ST7LITE49M Datasheet HTML 143Page - STMicroelectronics ST7LITE49M Datasheet HTML 144Page - STMicroelectronics ST7LITE49M Datasheet HTML 145Page - STMicroelectronics ST7LITE49M Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 188 page
background image
Electrical characteristics
ST7LITE49M
142/188
13
Electrical characteristics
13.1
Parameter conditions
Unless otherwise specified, all voltages are referred to VSS.
13.1.1
Minimum and maximum values
Unless otherwise specified the minimum and maximum values are guaranteed in the worst
conditions of ambient temperature, supply voltage and frequencies by tests in production on
100% of the devices with an ambient temperature at TA=25 °C and TA=TAmax (given by the
selected temperature range).
Data based on characterization results, design simulation and/or technology characteristics
are indicated in the table footnotes and are not tested in production. Based on
characterization, the minimum and maximum values refer to sample tests and represent the
mean value plus or minus three times the standard deviation (mean±3
Σ).
13.1.2
Typical values
Unless otherwise specified, typical data are based on TA=25 °C, VDD=5 V (for the
4.5 V
≤ V
DD≤ 5.5 V voltage range) and VDD=3.3 V (for the 3.0 V≤ VDD≤ 3.6 V voltage range).
They are given only as design guidelines and are not tested.
13.1.3
Typical curves
Unless otherwise specified, all typical curves are given only as design guidelines and are
not tested.
13.1.4
Loading capacitor
The loading conditions used for pin parameter measurement are shown in Figure 60.
Figure 60.
Pin loading conditions
13.1.5
Pin input voltage
The input voltage measurement on a pin of the device is described in Figure 61.
CL
ST7 PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com