Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 147 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 147 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 143Page - STMicroelectronics ST7LITE49M Datasheet HTML 144Page - STMicroelectronics ST7LITE49M Datasheet HTML 145Page - STMicroelectronics ST7LITE49M Datasheet HTML 146Page - STMicroelectronics ST7LITE49M Datasheet HTML 147Page - STMicroelectronics ST7LITE49M Datasheet HTML 148Page - STMicroelectronics ST7LITE49M Datasheet HTML 149Page - STMicroelectronics ST7LITE49M Datasheet HTML 150Page - STMicroelectronics ST7LITE49M Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 188 page
background image
ST7LITE49M
Electrical characteristics
147/188
13.3.5
Internal RC oscillator
To improve clock stability and frequency accuracy, it is recommended to place a decoupling
capacitor, typically 100 nF, between the VDD and VSS pins as close as possible to the ST7
device
Internal RC oscillator calibrated at 5.0 V
The ST7 internal clock can be supplied by an internal RC oscillator (selectable by option
byte).
Internal RC oscillator calibrated at 3.3 V
The ST7 internal clock can be supplied by an internal RC oscillator (selectable by option
byte).
Table 72.
Internal RC oscillator characteristics (5.0 V calibration)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRC
Internal RC oscillator
frequency
RCCR = FF (reset value),
TA=25 °C,VDD=5 V
5.5
MHz
RCCR=RCCR0(1),
TA=25 °C,VDD=5 V
1.
See Section 7.1.1: Internal RC oscillator
7.84
8
8.16
ACCRC
Accuracy of Internal
RC oscillator with
RCCR=RCCR01)
TA=25 °C, VDD=4.5 to 5 V
(2)
2.
Tested in production at 5.0 V only
-2(3)
3.
TDB stands for ‘to be determined’.
2%
TA=0 to +85 °C,
VDD=4.5 to 5.5 V
(2)
-2.5
4
%
TA=0 to +125 °C,
VDD=4.5 to 5.5 V(2)
-3
6
%
TA=-40 to 0 °C,
VDD=4.5 to 5.5 V
(2)
-4
2.5
%
tsu(RC)
RC oscillator setup
time
TA=25 °C, VDD=5 V
4 (2)
µs
Table 73.
Internal RC oscillator characteristics (3.3 V calibration)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRC
Internal RC oscillator
frequency
RCCR = FF (reset value),
TA=25 °C,VDD=3.3 V
4.3
MHz
RCCR = RCCR1(1),
TA=25 °C, VDD=3.3 V
7.84
8
8.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com