Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 162 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 162 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 158Page - STMicroelectronics ST7LITE49M Datasheet HTML 159Page - STMicroelectronics ST7LITE49M Datasheet HTML 160Page - STMicroelectronics ST7LITE49M Datasheet HTML 161Page - STMicroelectronics ST7LITE49M Datasheet HTML 162Page - STMicroelectronics ST7LITE49M Datasheet HTML 163Page - STMicroelectronics ST7LITE49M Datasheet HTML 164Page - STMicroelectronics ST7LITE49M Datasheet HTML 165Page - STMicroelectronics ST7LITE49M Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 188 page
background image
Electrical characteristics
ST7LITE49M
162/188
13.9.2
Output driving current
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Table 90.
Output driving current characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(1)
Output low level voltage for a standard I/O pin
when 8 pins are sunk at same time
(see Figure 79)
IIO=+5 mA,
TA≤ 125°C
1.0
V
IIO=+2mA,TA≤ 125 °C
0.4
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time
(see Figure 82)
IIO=+20mA,TA≤ 125
°C
1.3
IIO=+8mATA≤ 125 °C
0.75
VOH
(2)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 90)
IIO=-5mA,TA≤ 125
°C
VDD-1.5
IIO=-2mATA≤ 125 °C VDD-0.8
VOL
(1)(3)
Output low level voltage for a standard I/O pin
when 8 pins are sunk at same time
(see Figure 78 and Figure 81)
IIO=+2mATA≤ 125 °C
0.5
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time
IIO=+8mATA≤ 125 °C
0.5
VOH
(2)(3)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(Figure 89)
IIO=-2mATA≤ 125 °C VDD-0.8
VOL
(1)(3)
Output low level voltage for a standard I/O pin
when 8 pins are sunk at same time
(see Figure 77)
IIO=+2mATA≤ 125 °C
0.6
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time (see
Figure 80)
IIO=+8mATA≤ 125 °C
0.6
VOH
(2)(3)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 88)
IIO=-2mATA≤ 125 °C VDD-0.9
1.
The IIO current sunk must always respect the absolute maximum rating specified in Section Table 66. and the sum of IIO
(I/O ports and control pins) must not exceed IVSS.
2.
The IIO current sourced must always respect the absolute maximum rating specified in Section Table 66. and the sum of IIO
(I/O ports and control pins) must not exceed IVDD.
3.
Not tested in production, based on characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com