Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE49M Datasheet(PDF) 187 Page - STMicroelectronics

Part # ST7LITE49M
Description  8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE49M Datasheet(HTML) 187 Page - STMicroelectronics

Back Button ST7LITE49M Datasheet HTML 180Page - STMicroelectronics ST7LITE49M Datasheet HTML 181Page - STMicroelectronics ST7LITE49M Datasheet HTML 182Page - STMicroelectronics ST7LITE49M Datasheet HTML 183Page - STMicroelectronics ST7LITE49M Datasheet HTML 184Page - STMicroelectronics ST7LITE49M Datasheet HTML 185Page - STMicroelectronics ST7LITE49M Datasheet HTML 186Page - STMicroelectronics ST7LITE49M Datasheet HTML 187Page - STMicroelectronics ST7LITE49M Datasheet HTML 188Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 187 / 188 page
background image
ST7LITE49M
Revision history
187/188
16
Revision history
Table 106.
Document revision history
Date
Revision
Changes
01-Jun-2007
1
Initial release.
13-July-2007
2
Document reformatted and status updated to Full Datasheet.
Table 5. EEPROM register mapping and reset values removed.
Section 7.2.3: Internal RC oscillator updated. Section 7.5.3: AVD
Threshold Selection register (AVDTHCR): global description of
AVD[1:0] added.
Table 69: Operating characteristics with LVD: IDD(LVD) typical and
maximum values updated, and note removed; VtPOR minimum value
updated. Table 71: Voltage drop: minimum and maximum values
added. Table 72: Internal RC oscillator characteristics (5.0 V
calibration), Table 73: Internal RC oscillator characteristics (3.3 V
calibration), and Table 74: Supply current characteristics updated.
Figure 67, Figure 68, Figure 69,Figure 71, and Figure 76 updated.
Table 75: On-chip peripheral characteristics values and Note 2
updated.
tprog and NRW updated in Table 83: Flash program memory
characteristics. NRW updated in Table 84: Data EEPROM memory
characteristics.
Class updated forVFESD in Table 85: EMS characteristics. Table 86:
EMI characteristics updated. Table 86: EMI characteristics updated.
RPU and RON updated in Table 89: General characteristics and
Table 91: Asynchronous RESET pin characteristics, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com