Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CF Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 7Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 8Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 9Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 10Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 11Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 12Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 13Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 14Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 126 page
background image
Chapter 4 Operating Modes Overview
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
11
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
4.1.2 Specific Reset Operations
This section discusses the following specific ways that the ICS1893CF can be reset:
Hardware reset (using the RESETn pin)
Power-on reset (applying power to the ICS1893CF)
Software reset (using Control Register bit 0.15)
Note: At the completion of a reset (either hardware, power-on, or software), the ICS1893CF sets all
registers to their default values.
4.1.2.1 Hardware Reset
Entering Hardware Reset
Holding the active-low RESETn pin low for a minimum of five REF_IN clock cycles initiates a hardware
reset (that is, the ICS1893CF enters the reset state). During reset, the ICS1893CF executes the steps
listed in Section 4.1.1.1, “Entering Reset”.
Exiting Hardware Reset
After the signal on the RESETn pin transitions from a low to a high state, the ICS1893CF completes in 640
ns (that is, in 16 REF_IN clocks) steps 1 through 5, listed in Section 4.1.1.2, “Exiting Reset”. After the first
five steps are completed, the Serial Management Port is ready for normal operations, but this action does
not signify the end of the reset cycle. The reset cycle completes when the transmit clock (TXCLK) and
receive clock (RXCLK) are available, which is typically 53 ms after the RESETn pin goes high. [For details
on this transition, see Section 9.5.16, “Reset: Hardware Reset and Power-Down”.]
Note:
1. The MAC Interface is not available for use until the TXCLK and RXCLK are valid.
2. The Control Register bit 0.15 does not represent the status of a hardware reset. It is a self-clearing bit
that is used to initiate a software reset.
4.1.2.2 Power-On Reset
Entering Power-On Reset
When power is applied to the ICS1893CF, it waits until the potential between VDD and VSS achieves a
minimum voltage before entering reset and executing the steps listed in Section 4.1.1.1, “Entering Reset”.
After entering reset from a power-on condition, the ICS1893CF remains in reset for approximately 20
µs.
(For details on this transition, see Section 9.5.15, “Reset: Power-On Reset”.)
Exiting Power-On Reset
The ICS1893CF automatically exits reset and performs the same steps as for a hardware reset. (See
Section 4.1.1.2, “Exiting Reset”.)
Note: The only difference between a hardware reset and a power-on reset is that during a power-on
reset, the ICS1893CF isolates its RESETn input pin. All other functionality is the same. As with a
hardware reset, Control Register bit 0.15 does not represent the status of a power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com