Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CF Datasheet(PDF) 74 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 74 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 70Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 71Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 72Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 73Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 74Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 75Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 76Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 77Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 78Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
74
Chapter 7 Management Register Set
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
Note: An MDIO read of these bits provides a history of the greatest progress achieved by the
auto-negotiation process. In addition, the MDIO read latches the present state of the
Auto-Negotiation State Machine for a subsequent read.
7.12.4 100Base-TX Receive Signal Lost (bit 17.10)
The 100Base-TX Receive Signal Lost bit indicates to an STA whether the ICS1893CF has lost its
100Base-TX Receive Signal. If this bit is set to a logic:
Zero, it indicates the Receive Signal has remained valid since either the last read or reset of this register.
One, it indicates the Receive Signal was lost since either the last read or reset of this register.
This bit is a latching high bit. (For more information on latching high and latching low bits, see Section
7.1.4.1, “Latching High Bits” and Section 7.1.4.2, “Latching Low Bits”.)
Note: This bit has no definition in 10Base-T mode.
7.12.5 100Base PLL Lock Error (bit 17.9)
The Phase-Locked Loop (PLL) Lock Error bit indicates to an STA whether the ICS1893CF has ever
experienced a PLL Lock Error. A PLL Lock Error occurs when the PLL fails to lock onto the incoming
100Base data stream. If this bit is set to a logic:
Zero, it indicates that a PLL Lock Error has not occurred since either the last read or reset of this register.
One, it indicates that a PLL Lock Error has occurred since either the last read or reset of this register.
This bit is a latching high bit. (For more information on latching high and latching low bits, see Section
7.1.4.1, “Latching High Bits” and Section 7.1.4.2, “Latching Low Bits”.)
Note: This bit has no definition in 10Base-T mode.
Table 7-19. Auto-Negotiation State Machine (Progress Monitor)
Auto-Negotiation State Machine
Auto-Negotiation Progress Monitor
Auto-
Negotiation
Complete Bit
(Bit 17.4)
Auto-
Negotiation
Monitor Bit 2
(Bit 17.13)
Auto-
Negotiation
Monitor Bit 1
(Bit 17.12)
Auto-
Negotiation
Monitor Bit 0
(Bit 17.11)
Idle
0000
Parallel Detected
0001
Parallel Detection Failure
0010
Ability Matched
0011
Acknowledge Match Failure
0100
Acknowledge Matched
0101
Consistency Match Failure
0110
Consistency Matched
0111
Auto-Negotiation Completed
Successfully
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com