Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CF Datasheet(PDF) 34 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 34 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 30Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 31Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 32Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 33Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 34Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 35Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 36Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 37Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 38Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
34
Chapter 6 Functional Blocks
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
6.4.6 100Base-TX Operation: Twisted-Pair Receiver
The ICS1893CF uses the same Twisted-Pair Receive pins (TP_RXP and TP_RXN) for both 10Base-T and
100Base-TX operations. The internal twisted-pair receiver modules interface with the medium through an
isolation transformer. The 100Base-TX receiver module accepts and processes a differential three-level
100Base-TX (that is, MLT-3 encoded) signal from the isolation transformer. (In contrast, the 10Base-T
receiver module accepts and processes a differential two-level, Manchester- encoded, 10Base-T signal
from the isolation transformer).
Note:
1. In reference to the ICS1893CF, the term ‘Twisted-Pair Receiver’ refers to the set of Twisted-Pair
Receive output pins (TP_RXP and TP_RXN).
2. For information on the 10Base-T Twisted-Pair Receiver, see Section 6.5.12, “10Base-T Operation:
Twisted-Pair Receiver”.
6.4.7 100Base-TX Operation: Isolation Transformer
The ICS1893CF interfaces with a medium through isolation transformers. The PHY requires two isolation
transformers: one for its Twisted-Pair Transmitter and the other for its Twisted-Pair Receiver. These
isolation transformers provide both physical isolation as well as the means for coupling a signal between
the ICS1893CF and the medium for both 10Base-T and 100Base-TX operations.
Note: For information on isolation transformers (also referred to as magnetic modules), see Section 5.3,
“Twisted-Pair Interface”.
6.5 Functional Block: 10Base-T Operations
When configured for 10Base-T mode, the ICS1893CF MAC Interface is configured to provide 10M MII
(Media Independent Interface). The Twisted-Pair Interface is automatically configured to provide a
two-level, Manchester-encoded signal at the voltage levels specified in the ISO/IEC standard. (For more
information on the Twisted-Pair Interface, see Section 5.3, “Twisted-Pair Interface”.)
The 10Base-T and 100Base-TX operations differ as follows. 10Base-T operations are fundamentally
simpler than 100Base-TX operations. The data rate is slower, requiring less encoding than 100Base-TX
operations. In addition, the bandwidth requirements (and therefore the line attenuation issues) are not as
severe as with 100-MHz operations. Consequently, when an ICS1893CF is set for 10Base-T operations, it
requires fewer internal circuits in contrast to 100Base-TX operations. (For an overview of 10Base-T
operations, see Section 4.6, “10Base-T Operations”.).
6.5.1 10Base-T Operation: Manchester Encoder/Decoder
During data transmission the ICS1893CF acquires data from its MAC Interface in 4-bit nibbles. The
ICS1893CF converts this data into a Manchester-encoded signal for presentation to its MDI, as required by
the ISO/IEC specification.
In a Manchester-encoded signal, all logic:
• Ones are:
– Positive during the first half of the bit period
– Negative during the second half of the bit period
• Zeros are:
– Negative during the first half of the bit period
– Positive during the second half of the bit period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com