Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CF Datasheet(PDF) 71 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 71 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 67Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 68Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 69Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 70Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 71Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 72Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 73Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 74Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 75Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 126 page
background image
Chapter 7 Management Register Set
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
71
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
7.11.7 Invalid Error Code Test (bit 16.2)
The Invalid Error Code Test bit allows an STA to force the ICS1893CF to transmit symbols that are typically
classified as invalid. The purpose of this test bit is to permit thorough testing of the 4B/5B encoding and the
serial transmit data stream by allowing generation of bit patterns that are considered invalid by the ISO/IEC
4B/5B definition.
When this bit is logic:
Zero, the ISO/IEC defined 4B/5B translation takes place.
One – and the TXER signal is asserted by the MAC – the MII input nibbles are translated according to
Table 7-17.
7.11.8 ICS Reserved (bit 16.1)
See Section 7.11.2, “ICS Reserved (bits 16.14:11)”, the text for which also applies here.
7.11.9 Stream Cipher Disable (bit 16.0)
The Stream Cipher Disable bit allows an STA to control whether the ICS1893CF employs the Stream
Cipher Scrambler in the transmit and receive data paths. When this bit is set to logic:
Zero, the Stream Cipher Encoder and Decoder are both enabled for normal operations.
One, the Stream Cipher Encoder and Decoder are disabled. This action results in an unscrambled data
stream (for example, the ICS1893CF transmits unscrambled IDLES, and so forth.
Note: The Stream Cipher Scrambler can be used only for 100-MHz operations.
Table 7-17. Invalid Error Code Translation Table
Symbol
Meaning
MII Input
Nibble
Translation
V
Invalid Code
0000
00000
V
Invalid Code
0001
00001
V
Invalid Code
0010
00010
V
Invalid Code
0011
00011
H
Error
0100
00100
V
Invalid Code
0101
00101
V
Invalid Code
0110
00110
R
ESD
0111
00111
V
Invalid Code
1000
00000
T
ESD
1001
01101
V
Invalid Code
1010
01100
K
SSD
1011
10001
V
Invalid Code
1100
10000
V (S)
Invalid Code
1101
11001
J
SSD
1110
11000
I
Idle
1111
11111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com