Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CF Datasheet(PDF) 22 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 22 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 18Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 19Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 20Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 21Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 22Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 23Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 24Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 25Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 26Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
22
Chapter 5 Interface Overviews
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
5.5 Status Interface
The ICS1893CF provides five multi-function configuration pins that report the results of continual link
monitoring by providing signals that are intended for driving LEDs. (For the pin numbers, see Table 8.6.)
Note:
1. During either a power-on reset or a hardware reset, each multi-function configuration pin is an input
that is sampled when the ICS1893CF exits the reset state. After sampling is complete, these pins are
output pins that can drive status LEDs.
2. A software reset does not affect the state of a multi-function configuration pin. During a software reset,
all multi-function configuration pins are outputs.
3. Each multi-function configuration pin must be pulled either up or down with a resistor to establish the
address of the ICS1893CF. LEDs may be placed in series with these resistors to provide a designated
status indicator as described in Table 5-3. Use 1K
Ω resistors.
Caution:
All pins listed in Table 5-3 must not float.
4. As outputs, the asserted state of a multi-function configuration pin is the inverse of the sense sampled
during reset. This inversion provides a signal that can illuminate an LED during an asserted state. For
example, if a multi-function configuration pin is pulled down to ground through an LED and a
current-limiting resistor, then the sampled sense of the input is low. To illuminate this LED for the
asserted state, the output is driven high.
5. Adding 10K
Ω resistors across the LEDs ensures the PHY address is fully defined during slow VDD
power-ramp conditions.
6. PHY address 00 tri-states the MII interface. (Do not select PHY address 00 unless you want the MII
tri-stated.)
Table 5-3. Pins for Monitoring the Data Link
Pin
LED Driven by the Pin’s Output Signal
P0AC
AC (Link Activity) LED
P1CL
CL (Collisions) LED
P2LI
LI (Link Integrity) LED
P3TD
TD (Transmit Data) LED
P4RD
RD (Receive Data) LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com