Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CF Datasheet(PDF) 39 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 39 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 35Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 36Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 37Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 38Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 39Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 40Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 41Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 42Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 43Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 126 page
background image
Chapter 6 Functional Blocks
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
39
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
When an ICS1893CF detects a reversed signal polarity on its Twisted-Pair Receiver pins and the Auto
Polarity-Inhibit bit is also logic zero (enabled), the ICS1893CF (1) automatically corrects the data stream
and (2) sets its Polarity Reversed bit (bit 18.14) to logic one, to indicate to the STA that this situation exists.
Bit 18.14 is a latching high (LH) bit. (For more information on latching high and latching low bits, see
Section 7.1.4.1, “Latching High Bits” and Section 7.1.4.2, “Latching Low Bits”.)
Note: The ICS1893CF will not complete the Auto-MDIX function for an inverted polarity cable. This
is a rare event with modern manufactured cables. Full Auto-Negotiation and Auto Polarity
Correction will complete when the Auto-MDIX function is disabled. Software control for the
Auto-MDIX function is available in MDIO Register 19 Bits 9:8.
6.5.14 10Base-T Operation: Isolation Transformer
The 10Base-T Isolation Transformer operates the same as the 100Base-TX Isolation Transformer. In fact,
in a typical ICS1893CF application they are the same unit. For more information, see Section 6.4.7,
“100Base-TX Operation: Isolation Transformer”.
6.6 Functional Block: Management Interface
As part of the MAC Interface, the ICS1893CF provides a two-wire serial management interface which
complies with the ISO/IEC 8802-3 standard MII Serial Management Interface. This interface is used to
exchange control, status, and configuration information between a Station Management entity (STA) and
the physical layer device (PHY). The PHY and STA exchange this data through a pre-defined set of
management registers. The ISO/IEC standard specifies the following components of this serial
management interface:
• A set of registers (Section 6.6.1, “Management Register Set Summary”)
• The frame structure (Section 6.6.2, “Management Frame Structure”)
• The protocol
In compliance with the ISO/IEC specification, the ICS1893CF implementation of the serial management
interface provides a bi-directional data pin (MDIO) along with a clock (MDC) for synchronizing the
exchange of data. These pins remain active in all ICS1893CF MAC Interface modes (that is, the 10/100
MII, 100M Symbol, and 10M Serial interface modes).
6.6.1 Management Register Set Summary
The ICS1893CF implements a Management Register set that adheres to the ISO/IEC standard. This
register set (discussed in detail in Chapter 7, “Management Register Set”) includes the mandatory ‘Basic’
Control and Status registers and the ISO/IEC ‘Extended’ registers as well as some ICS-specific registers.
6.6.2 Management Frame Structure
The Serial Management Interface is a synchronous, bi-directional, two-wire, serial interface for the
exchange of configuration, control, and status data between a PHY, such as an ICS1893CF, and an STA.
All data transferred on an MDIO signal is synchronized by its MDC signal. The PHY and STA exchange
data through a pre-defined register set.
The ICS1893CF complies with the ISO/IEC defined Management Frame Structure and protocol. This
structure supports both read and write operations. Table 6-1 summarizes the Management Frame
Structure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com