Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CF Datasheet(PDF) 36 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 36 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 32Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 33Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 34Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 35Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 36Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 37Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 38Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 39Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 40Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
36
Chapter 6 Functional Blocks
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
When the 10Base-T link is:
Invalid, and the Smart Squelch function is:
– Disabled (bit 18.0 is logic one), the Link Monitor Function must detect at least one of the following
events before transitioning its link from the invalid state to the valid state:
• More than seven, ISO/IEC-defined, Normal Link Pulses (NLPs)
• Any valid data
– Enabled (bit 18.0 is logic zero), the Link Monitor Function must detect at least one of the following
events before transitioning its link from the invalid state to the valid state:
• More than seven, ISO/IEC-defined, Normal Link Pulses (NLPs)
• Any valid data followed by a valid IDL
Valid, and the Smart Squelch function is:
– Disabled (bit 18.0 is logic one), the Link Monitor Function continues to report its link as valid as long
as it continues to detect any of the following:
• ISO/IEC-defined, Normal Link Pulses (NLPs)
• Any valid data
– Enabled (bit 18.0 is logic zero), the Link Monitor Function continues to report its link as valid as long
as it continues to detect any of the following:
• ISO/IEC-defined, Normal Link Pulses (NLPs)
• Any valid data followed by a valid IDL
Valid, the Link Monitor Function declares the link as invalid if it receives neither data nor NLPs (that is,
the link shows either no activity or inconsistent activity) for more than 81 to 83 ms. In this case the Link
Monitor Function sets the Link Status bit to logic zero.
Note:
1. An ICS1893CF receives ‘valid data’ when its Twisted-Pair Receiver phase-locked loop can acquire lock
and extract the receive clock from the incoming data stream for a minimum of three consecutive bit
times.
2. When a link is invalid and the Link Monitor Function detects the presence of data, the ICS1893CF does
not transition the link to the valid state until after the reception of the present packet is complete.
3. Enabling or disabling the Smart Squelch Function affects the Link Monitor function.
4. A transition from the invalid state to the valid state does not automatically update the latching-low Link
Status bit.
6.5.6 10Base-T Operation: Smart Squelch
The Smart Squelch Function imposes more stringent requirements on the Link Monitor Function regarding
the definition of a valid link, thereby providing a level of insurance that spurious noise is not mistaken for a
valid link during cable installation.
An STA can control the execution of the ICS1893CF Smart Squelch Function using bit 18.0 (the Smart
Squelch Inhibit bit in the 10Base-T Operations Register). When bit 18.0 is logic:
Zero (the default), an ICS1893CF enables its Smart Squelch Function. In this case, the Link Monitor
must confirm the presence of both data and a valid IDL at the end of the packet before declaring a link
valid.
One, an ICS1893CF disables or inhibits its Smart Squelch Function. In this case, the Link Monitor does
not have to confirm the presence of an IDL to declare a link valid (that is, the reception of any data is
sufficient).
In 10Base-T mode, an ICS1893CF appends an IDL to the end of each packet during data transmission.
The receiving PHY (the remote link partner) sees this IDL and removes it from the data stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com