Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CF Datasheet(PDF) 89 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 89 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 85Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 86Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 87Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 88Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 89Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 90Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 91Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 92Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 93Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 126 page
background image
Chapter 8 Pin Diagram, Listings, and Descriptions
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
89
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
8.2.3 Configuration Pins
Table 8-6 lists the configuration pins.
Table 8-6. Configuration Pins
Pin
Name
Pin
Number
Pin
Type
Pin Description
10/100SEL
9
Output
10Base-T / 100Base-TX Select.
This pin acts as an output that indicates the current status of this
pin. In this case, when the signal on this pin is logic:
– Low, this pin indicates 10Base-T operations are selected.
– High, this pin indicates 100Base-TX operations are selected.
10TCSR
19
Output
10M Transmit Current Set Resistor.
A resistor, connected between this pin and ground, is required to
establish the value of the transmit current used in 10Base-T mode.
The value and tolerance of this resistor is specified in Section 9.3,
“Recommended Component Values *”.
100TCSR
20
Output
100M Transmit Current Set Resistor.
A resistor, connected between this pin and ground, is required to
establish the value of the transmit current used in 100Base-TX
mode.
The value and tolerance of this resistor is specified in Section 9.3,
“Recommended Component Values *”.
REF_IN
47
Input
(Frequency) Reference Input.
This pin is connected to a 25-MHz oscillator. For a tolerance, see
Section 9.5.1, “Timing for Clock Reference In (REF_IN) Pin”.
REF_OUT
46
Output
(Frequency) Reference Output.
This pin is used with a crystal.
RESETn
23
Input
(System) Reset (Active Low).
When the signal on this active-low pin is logic:
– Low, the ICS1893CF is in hardware reset.
– High, the ICS1893CF is operational.
For more information on hardware resets, see the following:
– Section 4.1.2.1, “Hardware Reset”
– Section 9.5.16, “Reset: Hardware Reset and Power-Down”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com