Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CF Datasheet(PDF) 65 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 65 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 61Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 62Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 63Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 64Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 65Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 66Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 67Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 68Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 69Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 126 page
background image
Chapter 7 Management Register Set
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
65
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
7.9 Register 7: Auto-Negotiation Next Page Transmit Register
Table 7-14 lists the bits for the Auto-Negotiation Next Page Transmit Register, which establishes the
contents of the Next Page Link Control Word that is transmitted during Next Page Operations. This table is
compliant with the ISO/IEC specification.
Note: For an explanation of acronyms used in Table 7-14, see Chapter 1, “Abbreviations and Acronyms”.
† As per the IEEE Std 802.3u, during any write operation to any bit in this register, the STA must write the default value
to all Reserved bits.
Table 7-14. Auto-Negotiation Next Page Transmit Register (register 7 [0x07])
Bit
Definition
When Bit = 0
When Bit = 1
Ac-
cess
SF
De-
fault
Hex
7.15
Next Page
Last Page
Additional Pages follow
RW
0
2
7.14
IEEE reserved
Always 0
N/A
RO
0†
7.13
Message Page
Unformatted Page
Message Page
RW
1
7.12
Acknowledge 2
Cannot comply with
Message
Can comply with
Message
RW
0
7.11
Toggle
Previous Link Code
Word was zero
Previous Link Code
Word was one
RO
0
0
7.10
Message code field
/Unformatted code field
Bit value depends on
the particular message
Bit value depends on
the particular message
RW
0
7.9
Message code field
/Unformatted code field
Bit value depends on
the particular message
Bit value depends on
the particular message
RW
0
7.8
Message code field
/Unformatted code field
Bit value depends on
the particular message
Bit value depends on
the particular message
RW
0
7.7
Message code field
/Unformatted code field
Bit value depends on
the particular message
Bit value depends on
the particular message
RW
0
0
7.6
Message code field
/Unformatted code field
Bit value depends on
the particular message
Bit value depends on
the particular message
RW
0
7.5
Message code field
/Unformatted code field
Bit value depends on
the particular message
Bit value depends on
the particular message
RW
0
7.4
Message code field
/Unformatted code field
Bit value depends on
the particular message
Bit value depends on
the particular message
RW
0
7.3
Message code field
/Unformatted code field
Bit value depends on
the particular message
Bit value depends on
the particular message
RW
0
1
7.2
Message code field
/Unformatted code field
Bit value depends on
the particular message
Bit value depends on
the particular message
RW
0
7.1
Message code field
/Unformatted code field
Bit value depends on
the particular message
Bit value depends on
the particular message
RW
0
7.0
Message code field
/Unformatted code field
Bit value depends on
the particular message
Bit value depends on
the particular message
RW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com