Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CF Datasheet(PDF) 53 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 53 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 49Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 50Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 51Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 52Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 53Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 54Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 55Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 56Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 57Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 126 page
background image
Chapter 7 Management Register Set
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
53
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
7.3.9 Remote Fault (bit 1.4)
An STA reads bit 1.4 to determine if a Remote Fault exists. The ICS1893CF sets bit 1.4 based on the
Remote Fault bit received from its remote link partner. The ICS1893CF receives the Remote Fault bit as
part of the Link Code Word exchanged during the auto-negotiation process. If the ICS1893CF receives a
Link Code Word from its remote link partner and the Remote Fault bit is set to:
Zero, then the ICS1893CF sets bit 1.4 to logic zero.
One, then the ICS1893CF sets bit 1.4 to logic one. In this case, the remote link partner is reporting the
detection of a fault, which typically occurs when the remote link partner is having a problem with its
receive channel.
Bit 1.4 is a latching high status bit. (For more information on latching high and latching low bits, see Section
7.1.4.1, “Latching High Bits” and Section 7.1.4.2, “Latching Low Bits”.)
Note: The ICS1893CF has two versions of the Remote Fault bit.
One version of the Remote Fault bit is a latching high version. An STA can access this version
through either Management Register 1 (bit 1.4) or 17 (bit 17.1). This bit 1.4/17.1 is cleared when
an STA reads either of these registers. (Bit 1.4 is identical to bit 17.1 in that they are the same
internal bit.)
Another version of the Remote Fault bit is updated whenever the ICS1893CF receives a new
Link Control Word. An STA can access this version through Management Register 5 (bit 5.13),
which like bits 1.4/17.1, also reports the status of the Remote Fault bit received from the remote
link partner. However, bit 5.13 is not a latching high bit.
The operation of both bit 1.4/17.1 and bit 5.13 are in compliance with the IEEE Std 802.3u.
7.3.10 Auto-Negotiation Ability (bit 1.3)
The STA reads bit 1.3 to determine if the ICS1893CF can support the auto-negotiation process. If the
ICS1893CF:
Cannot support the auto-negotiation process, it clears bit 1.3 to logic zero.
Can support the auto-negotiation process, it sets bit 1.3 to logic one. (For the ICS1893CF, the default
value of bit 1.3 is logic one.)
7.3.11 Link Status (bit 1.2)
The purpose of this bit 1.2 (which is also accessible through the QuickPoll Detailed Status Register, bit
17.0) is to determine if an established link is dropped, even momentarily. To indicate a link that is:
Valid, the ICS1893CF sets bit 1.2 to logic one.
Invalid, the ICS1893CF clears bit 1.2 to logic zero.
This bit is a latching low (LL) bit that the Link Monitor function controls. (For more information on latching
high and latching low bits, see Section 7.1.4.1, “Latching High Bits” and Section 7.1.4.2, “Latching Low
Bits”.) The Link Monitor function continually observes the data received by either its 10Base-T or
100Base-TX Twisted-Pair Receivers to determine the link status and stores the results in the Link Status
bit.
The criterion the Link Monitor uses to determine if a link is valid or invalid depends on the following:
Type of link
Present link state (valid or invalid)
Presence of any link errors
Auto-negotiation process
For more information on the Link Monitor Function (relative to the Link Status bit), see Section 6.5.5,
“10Base-T Operation: Link Monitor”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com