Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CF Datasheet(PDF) 50 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 50 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 46Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 47Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 48Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 49Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 50Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 51Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 52Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 53Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 54Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
50
Chapter 7 Management Register Set
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
7.3 Register 1: Status Register
Table 7-6 lists the Status Register bits. These 16 bits of data provide an interface between the ICS1893CF
and an STA. There are two types of status bits: some report the capabilities of the port, and some indicate
the state of signals used to monitor internal circuits.
The STA accesses the Status Register using the Serial Management Interface. During a reset, the
ICS1893CF initializes the Status Register bits to pre-defined, default values.
Note: For an explanation of acronyms used in Table 7-5, see Chapter 1, “Abbreviations and Acronyms”.
† As per the IEEE Std 802.3u, during any write operation to any bit in this register, the STA must write the default value
to all Reserved bits.
7.3.1 100Base-T4 (bit 1.15)
The STA reads this bit to learn if the ICS1893CF can support 100Base-T4 operations. Bit 1.15 of the
ICS1893CF is permanently set to logic zero, which informs an STA that the ICS1893CF cannot support
100Base-T4 operations.
Table 7-6. Status Register (Register 1 [0x01])
Bit
Definition
When Bit = 0
When Bit = 1
Ac-
cess
SF
De-
fault
Hex
1.15 100Base-T4
Always 0. (Not supported.) N/A
RO
–
0
7
1.14 100Base-TX full duplex
Mode not supported
Mode supported
CW
–
1
1.13 100Base-TX half duplex Mode not supported
Mode supported
CW
–
1
1.12 10Base-T full duplex
Mode not supported
Mode supported
CW
–
1
1.11 10Base-T half duplex
Mode not supported
Mode supported
CW
–
1
8
1.10 IEEE reserved
Always 0
N/A
CW
–
0†
1.9
IEEE reserved
Always 0
N/A
CW
–
0†
1.8
IEEE reserved
Always 0
N/A
CW
–
0†
1.7
IEEE reserved
Always 0
N/A
CW
–
0†
0
1.6
MF Preamble
suppression
PHY requires MF
Preambles
PHY does not require
MF Preambles
RO
–
0
1.5
Auto-Negotiation
complete
Auto-Negotiation is in
process, if enabled
Auto-Negotiation is
completed
RO
LH
0
1.4
Remote fault
No remote fault detected
Remote fault detected
RO
LH
0
1.3
Auto-Negotiation ability
N/A
Always 1: PHY has
Auto-Negotiation ability
RO
–
1
9
1.2
Link status
Link is invalid/down
Link is valid/established
RO
LL
0
1.1
Jabber detect
No jabber condition
Jabber condition
detected
RO
LH
0
1.0
Extended capability
N/A
Always 1: PHY has
extended capabilities
RO
–
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com