Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CF Datasheet(PDF) 92 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 92 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 88Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 89Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 90Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 91Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 92Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 93Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 94Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 95Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 96Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
92
Chapter 8 Pin Diagram, Listings, and Descriptions
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
RXD0
RXD1
RXD2
RXD3
31
30
29
28
Output
Receive Data 0–3.
RXD0 is the least-significant bit and RXD3 is the most-significant bit of
the MII receive data nibble.
While the ICS1893CF asserts RXDV, the ICS1893CF transfers the
receive data signals on the RXD0–RXD3 pins to the MAC Interface
synchronously on the rising edges of RXCLK.
RXDV
32
Output
Receive Data Valid.
The ICS1893CF asserts RXDV to indicate to the MAC that data is
available on the MII Receive Bus (RXD[3:0]). The ICS1893CF:
Asserts RXDV after it detects and recovers the Start-of-Stream
delimiter, /J/K/. (For the timing reference, see Chapter 9.5.6,
“100M/MII Media Independent Interface: Synchronous Receive
Timing”.)
De-asserts RXDV after it detects either the End-of-Stream delimiter
(/T/R/) or a signal error.
Note: RXDV is synchronous with the Receive Data Clock, RXCLK.
RXER
35
Output
Receive Error.
When the MAC Interface is in:
10M MII mode, RXER is not used.
100M MII mode, the ICS1893CF asserts a signal on the RXER pin
when either of the following two conditions are true:
– Errors are detected during the reception of valid frames
– A False Carrier is detected
Note:
1. An ICS1893CF asserts a signal on the RXER pin upon detection of a
False Carrier so that repeater applications can prevent the
propagation of a False Carrier.
2. The RXER signal always transitions synchronously with RXCLK.
3. The signal on RXER pin is conditioned by the RXTRI pin.
TXCLK
37
Output
Transmit Clock.
The ICS1893CF generates this clock signal to synchronize the transfer of
data from the MAC Interface to the ICS1893CF. When the mode is:
10Base-T, the TXCLK frequency is 2.5 MHz.
100Base-TX, the TXCLK frequency is 25 MHz.
Table 8-7. MAC Interface Pins: Media Independent Interface (MII) (Continued)
Pin
Name
Pin
Number
Pin
Type
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com