Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CF Datasheet(PDF) 44 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 44 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 40Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 41Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 42Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 43Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 44Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 45Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 46Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 47Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 48Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
44
Chapter 7 Management Register Set
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
7.1.2 Management Register Bit Access
The ICS1893CF Management Registers include one or more of the following types of bits:
7.1.3 Management Register Bit Default Values
The tables in this chapter specify for each register bit the default value, if one exists. The ICS1893CF sets
all Management Register bits to their default values after a reset. Table 7-4 lists the valid default values for
ICS1893CF Management Register bits.
Note: The ICS1893CF has a number of reserved bits throughout the Management Registers. Most of
these bits provide enhanced test modes. The Management Register tables provide the default
values for these bits. The STA must not change the value of these bits under any circumstance. If
the STA inadvertently changes the default values of these reserved register bits, normal operation
of the ICS1893CF can be affected.
Table 7-3. Description of Management Register Bit Types
Management
Register Bit Types
Bit
Symbol
Description
Read-Only
RO
An STA can obtain the value of a RO register bit. However, it cannot
alter the value of (that is, it cannot write to) an RO register bit. The
ICS1893CF isolates any STA attempt to write a value to an RO bit.
Command Override
Write
CW
An STA can read a value from a CW register bit. However, write
operations are conditional, based on the value of the Command
Register Override bit (bit 16.15). When bit 16.15 is logic:
• Zero (the default), the ICS1893CF isolates STA attempts to write to
the CW bits (that is, CW bits cannot be altered when bit 16.15 is
logic zero).
• One, the ICS1893CF permits an STA to alter the value of the CW
bits in the subsequent register write. (Bit 16.15 is self-clearing and
automatically clears to zero on the subsequent write.)
Read/Write
R/W
An STA can unconditionally read from or write to a R/W register bit.
Read/Write Zero
R/W0
An STA can unconditionally read from a R/W0 register bit, but only a
‘0’ value can be written to this bit.
Table 7-4. Range of Possible Valid Default Values for ICS1893CF Register Bits
Default Condition
Default Value
–
Indicates there is no default value for the bit
0
Indicates the bit’s default value is logic zero
1
Indicates the bit’s default value is logic one
State of pin at reset
For some bits, the default value depends on the state (that is, the logic value) of a
particular pin at reset (that is, the logic value of a pin is latched at reset). An
example of pins that have a default condition that depends on the state of the pin
at reset are the PHY / LED pins (P0AC, P1CL, P2LI, P3TD, and P4RD) discussed
in the following sections:
• Section 5.5, “Status Interface”
• Section 7.11, “Register 16: Extended Control Register”
• Section 8.2.2, “Multi-Function (Multiplexed) Pins: PHY Address and LED Pins”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com