Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CF Datasheet(PDF) 29 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 29 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 25Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 26Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 27Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 28Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 29Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 30Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 31Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 32Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 33Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 126 page
background image
Chapter 6 Functional Blocks
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
29
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
6.2.5 Auto-Negotiation: Progress Monitor
Under typical circumstances, the Auto-Negotiation sublayer can establish a connection with the
ICS1893CF’s remote link partner. However, some situations can prevent the auto-negotiation process from
properly achieving this goal. For these situations, the ICS1893CF has an Auto-Negotiation Progress
Monitor to provide detailed status information to its Station Management (STA) entity. With this status
information, the STA can diagnose the failure mechanism and – in some situations – establish the link by
correcting the problem.
When enabled, the auto-negotiation process typically requires less than 500 ms to execute, independent of
the link partner's ability to perform the auto-negotiation process. Typically, an STA polls both the
Auto-Negotiation Complete bit (bit 1.5) and the Link Status bit (bit 1.2) to determine when a link is
successfully established, either through auto-negotiation or parallel detection. The STA can then poll the
Auto-Negotiation Link Partner Ability Register and determine the highest-performance operating mode in
common with the capabilities it is advertising.
6.3 Functional Block: 100Base-X PCS and PMA Sublayers
The ICS1893CF is fully compliant with clause 24 of the ISO/IEC specification, which defines the
100Base-X Physical Coding sublayer (PCS) and Physical Medium Attachment (PMA) sublayers.
6.3.1 PCS Sublayer
The ICS1893CF 100Base-X PCS sublayer provides two interfaces: one to a MAC and the other to the
ICS1893CF PMA sublayer. An ICS1893’s PCS sublayer performs the transmit, receive, and control
functions and consists of the following:
PCS Transmit sublayer, which provides the following:
– Parallel-to-serial conversion
– 4B/5B encoding
– Collision detection
PCS Receive sublayer, which provides the following:
– Serial-to-parallel conversion
– 4B/5B encoding
– Carrier detection
– Code group framing
PCS control functions, which provide:
– Assertion of the CRS (carrier sense) signal
– Assertion of the COL (collision detection) signal
6.3.2 PMA Sublayer
The ICS1893CF 100Base-X PMA Sublayer consists of two interfaces: one to the Physical Coding sublayer
and the other to the Physical Medium Dependent sublayer. Functionally, the PMA sublayer is responsible
for the following:
Link Monitoring
Carrier Detection
NRZI encoding/decoding
Transmit Clock Synthesis
Receive Clock Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com