Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CF Datasheet(PDF) 64 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 64 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 60Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 61Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 62Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 63Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 64Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 65Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 66Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 67Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 68Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
64
Chapter 7 Management Register Set
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
7.8.2 Parallel Detection Fault (bit 6.4)
The ICS1893CF sets this bit to a logic one if a parallel detection fault is encountered. A parallel detection
fault occurs when the ICS1893CF cannot disseminate the technology being used by its remote link partner.
Bit 6.4 is a latching high (LH) status bit. (For more information on latching high and latching low bits, see
Section 7.1.4.1, “Latching High Bits” and Section 7.1.4.2, “Latching Low Bits”.)
7.8.3 Link Partner Next Page Able (bit 6.3)
Bit 6.3 is a status bit that reports the capabilities of the remote link partner to support the Next Page
features of the auto-negotiation process. The ICS1893CF sets this bit to a logic one if the remote link
partner sets the Next Page bit in its Link Control Word.
7.8.4 Next Page Able (bit 6.2)
Bit 6.2 is a status bit that reports the capabilities of the ICS1893CF to support the Next Page features of the
auto-negotiation process. The ICS1893CF sets this bit to a logic one to indicate that it can support these
features.
7.8.5 Page Received (bit 6.1)
The ICS1893CF sets its Page Received bit to a logic one whenever a new Link Control Word is received
and stored in its Auto-Negotiation link partner ability register. The Page Received bit is cleared to logic zero
on a read of the Auto-Negotiation Expansion Register.
Bit 6.1 is a latching high (LH) status bit. (For more information on latching high and latching low bits, see
Section 7.1.4.1, “Latching High Bits” and Section 7.1.4.2, “Latching Low Bits”.)
7.8.6 Link Partner Auto-Negotiation Able (bit 6.0)
If the ICS1893CF:
• Does not receive Fast Link Pulse bursts from its remote link partner, then this bit remains a logic zero.
• Receives valid FLP bursts from its remote link partner (thereby indicating that it can participate in the
auto-negotiation process), then the ICS1893CF sets this bit to a logic one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com