Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CF Datasheet(PDF) 18 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 18 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 14Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 15Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 16Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 17Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 18Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 19Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 20Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 21Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 22Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
18
Chapter 5 Interface Overviews
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
5.2 Serial Management Interface
The ICS1893CF provides an ISO/IEC compliant, two-wire Serial Management Interface as part of its MAC
Interface. This Serial Management Interface is used to exchange control, status, and configuration
information between a Station Management entity (STA) and the physical layer device (PHY), that is, the
ICS1893CF.
The ISO/IEC standard also specifies a frame structure and protocol for this interface as well as a set of
Management Registers that provide the STA with access to a PHY such as the ICS1893CF. A Serial
Management Interface is comprised of two signals: a bi-directional data pin (MDIO) along with an
associated input pin for a clock (MDC). The clock is used to synchronize all data transfers between the
ICS1893CF and the STA.
In addition to the ISO/IEC defined registers, the ICS1893CF provides several extended status and control
registers to provide more refined control of the MII and MDI interfaces. For example, the QuickPoll Detailed
Status Register provides the ability to acquire the most-important status functions with a single MDIO read.
Note: In the ICS1893CF, the MDIO and MDC pins remain active for all the MAC Interface modes (that is,
10M MII, 100M MII, 100M Symbol, and 10M Serial).
5.3 Twisted-Pair Interface
For the twisted-pair interface, the ICS1893CF uses 1:1 ratio transformers for both transmit and receive.
Better operation results from using a split ground plane through the transformer. In this case:
The RJ-45 transformer windings must be on the chassis ground plane along with the Bob Smith
termination.
The ICS1893CF system ground plane must include the ICS1893CF-side transformer windings along
with the 49.9
Ω resistors and the 100 nF capacitor.
The transformer provides the isolation with one set of windings on one ground plane and another set of
windings on the second ground plane.
5.3.1 Twisted-Pair Transmitter
The twisted-pair transmitter driver uses an H-bridge configuration. IDT transformer requirements:
Turns Ratio 1:1
Chokes may be used on chip or cable side or both sides
No power connections to the transformer. Transformer power is supplied by the ICS1893CF
MIDCOM 7090-37 or equivalent symetrical magnetics are used
Figure 5-1 shows the design for the ICS1893CF twisted-pair interface.
Two 49.9Ω 1% resistors are in series with a 100 nF capacitor to ground between them. These
components form a network that connects across both pairs of twisted pairs A and B.
Both twisted pairs A and B have an assigned plus and minus.
Note:
1. Keep all TX traces as short as possible.
2. When longer board twisted pair traces are used, 50
Ω-characteristic board trace impedance is
desirable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com