Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CF Datasheet(PDF) 116 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 116 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 112Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 113Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 114Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 115Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 116Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 117Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 118Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 119Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 120Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
116
Chapter 9 DC and AC Operating Conditions
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
9.5.14 100M Media Independent Interface: Input-to-Carrier Assertion/De-Assertion
Table 9-21 lists the significant time periods for the 100M MDI input-to-carrier assertion/de-assertion. The
time periods consist of timings of signals on the following pins:
TP_RX (that is, TP_RXP and TP_RXN)
CRS
COL
Figure 9-15 shows the timing diagram for the time periods.
† The IEEE maximum is 20 bit times.
‡ The IEEE minimum is 13 bit times, and the maximum is 24 bit times.
Figure 9-15. 100M MDI Input to Carrier Assertion / De-Assertion Timing Diagram
Table 9-21. 100M MDI Input-to-Carrier Assertion/De-Assertion Timing
Time
Period
Parameter
Conditions
Min.
Typ. Max.
Units
t1
First Bit of /J/ into TP_RX to CRS Assert †
10
14
Bit times
t2
First Bit of /J/ into TP_RX while
Transmitting Data to COL Assert †
Half-Duplex Mode
9
13
Bit times
t3
First Bit of /T/ into TP_RX to CRS
De-Assert ‡
–13
18
Bit times
t4
First Bit of /T/ Received into TP_RX to
COL De-Assert ‡
Half-Duplex Mode
13
18
Bit times
t1
t2
t3
t4
First bit
First bit of /T/
Shown
unscrambled.
TP_RX
CRS
COL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com