Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CF Datasheet(PDF) 122 Page - Integrated Circuit Systems

Part # ICS1893CF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CF Datasheet(HTML) 122 Page - Integrated Circuit Systems

Back Button ICS1893CF Datasheet HTML 118Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 119Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 120Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 121Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 122Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 123Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 124Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 125Page - Integrated Circuit Systems ICS1893CF Datasheet HTML 126Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 122 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
122
Chapter 9 DC and AC Operating Conditions
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
9.5.20 Auto-Negotiation Fast Link Pulse Timing
Table 9-27 lists the significant time periods for the ICS1893CF Auto-Negotiation Fast Link Pulse. The time
periods consist of timings of signals on the following pins:
TP_TXP
TP_TXN
Figure 9-21 shows the timing diagram for one pair of these differential signals, for example TP_TXP minus
TP_TXN.
Figure 9-21. Auto-Negotiation Fast Link Pulse Timing Diagram
Table 9-27. Auto-Negotiation Fast Link Pulse Timing
Time
Period
Parameter
Conditions
Min.
Typ.
Max.
Units
t1
Clock/Data Pulse Width
90
ns
t2
Clock Pulse-to-Data Pulse Timing
55
60
70
µs
t3
Clock Pulse-to-Clock Pulse Timing
110
125
140
µs
t4
Fast Link Pulse Burst Width
5
ms
t5
Fast Link Pulse Burst to Fast Link Pulse Burst
10
15
25
ms
t6
Number of Clock/Data Pulses in a Burst
15
20
30
pulses
Clock
Pulse
Clock
Pulse
Data
Pulse
t1
t3
t2
t4
t5
t1
FLP Burst
FLP Burst
Differential
Twisted Pair
Transmit Signal
Differential
Twisted Pair
Transmit Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com