Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9752 Datasheet(PDF) 28 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 28 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 24Page - Integrated Device Technology STAC9752 Datasheet HTML 25Page - Integrated Device Technology STAC9752 Datasheet HTML 26Page - Integrated Device Technology STAC9752 Datasheet HTML 27Page - Integrated Device Technology STAC9752 Datasheet HTML 28Page - Integrated Device Technology STAC9752 Datasheet HTML 29Page - Integrated Device Technology STAC9752 Datasheet HTML 30Page - Integrated Device Technology STAC9752 Datasheet HTML 31Page - Integrated Device Technology STAC9752 Datasheet HTML 32Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
28
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
4.6.2.2.
CODEC Initiates Wake-up
The STAC9752/9753 (running off Vaux) can trigger a wake event (PME#) by transitioning
SDATA_IN from low to high and holding it high until either a warm or cold reset is observed on the
AC-Link. This functionality is typically implemented in modem CODECs that detect ring, Caller ID,
etc.
Note that when the AC-Link is either programmed to the low power mode or shut off completely,
BIT_CLK may stop if the primary CODEC is supplying the clock, which shuts down the AC-Link
clock to the Secondary CODEC1. In order for a Secondary CODEC to react to an external event
(phone ringing), it must support an independent clocking scheme for any PME# associated logic that
must be kept alive when the AC-Link is down. This includes logic to asynchronously drive
SDATA_IN to a logic high-level which signals a wake request to the AC‘97 Digital Controller.
4.6.3.
CODEC Reset
There are three types of AC‘97 reset:
•
a cold reset where all AC‘97 logic (most registers included) is initialized to its default state
•
a warm reset where the contents of the AC‘97 register set are left unaltered
•
a register reset which only initializes the AC‘97 registers to their default states
4.6.3.1.
Cold AC‘97 Reset
A cold reset is achieved by asserting RESET# (low) for the minimum specified time, then subse-
quently de-asserting RESET# (high). BIT_CLK and SDATA_IN will be activated, or re-activated as
the case may be, and all AC‘97 control registers will be initialized to their default power on reset val-
ues.
RESET# is an asynchronous AC‘97 input.
4.6.3.2.
Warm AC‘97 Reset
A warm AC‘97 reset will re-activate the AC-Link without altering the current AC‘97 register values. A
warm reset is signaled by driving SYNC high for a minimum of 1
µs in the absence of BIT_CLK.
Within normal audio frames, SYNC is a synchronous AC‘97 input. However, in the absence of
BIT_CLK, SYNC is treated as an asynchronous input used in the generation of a warm reset to
AC‘97.
AC‘97 MUST NOT respond with the activation of BIT_CLK until SYNC has been sampled low again
by AC‘97. This will preclude the false detection of a new audio frame.
4.6.3.3.
Register AC‘97 Reset
Most registers in an AC device can be restored to their default values by performing a write (any
value) to the Reset Register, 00h.
1.
Secondary CODECs always configure the BIT_CLK pin as an input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com