Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9752 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 3Page - Integrated Device Technology STAC9752 Datasheet HTML 4Page - Integrated Device Technology STAC9752 Datasheet HTML 5Page - Integrated Device Technology STAC9752 Datasheet HTML 6Page - Integrated Device Technology STAC9752 Datasheet HTML 7Page - Integrated Device Technology STAC9752 Datasheet HTML 8Page - Integrated Device Technology STAC9752 Datasheet HTML 9Page - Integrated Device Technology STAC9752 Datasheet HTML 10Page - Integrated Device Technology STAC9752 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
7
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
1. PRODUCT BRIEF
1.1.
Description
IDT's STAC9752/9753 are general purpose 20-bit, full duplex, audio CODECs conforming to the
analog component specification of AC'97 (Audio CODEC 97 Component Specification Rev. 2.3).
The STAC9752/9753 incorporate IDT's proprietary
Σ∆ technology to achieve a DAC SNR in excess
of 90dB. The DACs, ADCs and mixer are integrated with analog I/Os, which include four analog
line-level stereo inputs, two analog line-level mono inputs, two stereo outputs, and one mono output
channel. The STAC9752/9753 include digital output capability for support of modern PC systems
with an output that supports the SPDIF format. The STAC9752/9753 are standard 2-channel stereo
CODECs. With IDT’s headphone capability, headphones can be driven without an external amplifier.
The STAC9752/9753 may be used as a secondary or tertiary CODECs, with STAC9700/21/44/56/
08/84/50/66 as the primary, in a multiple CODEC configuration conforming to the AC'97 Rev. 2.3
specification. This configuration can provide the true six-channel, AC-3 playback required for DVD
applications. The STAC9752/9753 communicate via the five AC-Link lines to any digital component
of AC'97, providing flexibility in the audio system design. Packaged in an AC'97 compliant 48-pin
TQFP, the STAC9752/9753 can be placed on the motherboard, daughter boards, PCI, AMR, CNR,
MDC or ACR cards.
The STAC9752/9753 block diagram is illustrated in Figure 1. The STAC9752/9753 provides variable
sample rate Digital-to-Analog (DA) and Analog-to-Digital (AD) conversion, mixing, and analog pro-
cessing. Supported audio sample rates include 48 KHz, 44.1 KHz, 32 KHz, 22.05 KHz, 16 KHz,
11.025 KHz, and 8 KHz; additional rates are supported in the STAC9752/9753 soft audio drivers. All
ADCs and DACs operate at 20-bit resolution.
Two 20-bit DACs convert the digital stereo PCM_OUT content to audio. The MIXER block combines
the PCM_OUT with any analog sources, to drive the LINE_OUT and HP_OUT outputs. The
MONO_OUT delivers either microphone only, or a mono mix of sources from the MIXER. The stereo
variable-sample-rate 20-bit ADCs provide record capability for any mix of mono or stereo sources,
and deliver a digital stereo PCM-in signal back to the AC-Link. The microphone input and mono mix
input can be recorded simultaneously, thus allowing for an all digital output in support of the digital
ready initiative. For a digital ready record path, the microphone is connected to the left channel ADC
while the mono output of the stereo mixer is connected to right channel ADC.
The STAC9752/9753 include jack sensing on the Headphone and Line_Out. The STAC9752/9753
jack sense can detect the presence of devices on the Headphone and Line Outputs and on both
Microphone inputs. With proprietary IDT current and impedance-sensing techniques, the impedance
load on the Headphone and Line Outputs can also be detected. The GPIOs on the STAC9752/9753
remain available for advanced configurations.
The STAC9752/9753 implementation of jack sense uses the Extended Paging Registers defined by
the AC'97 2.3 Specification. This allows for additional registry space to hold the identification infor-
mation about the CODEC, the jack sensing details and results, and the external surroundings of the
CODEC. The information within the Extended Paging Registers will allow for the automatic configu-
ration of the audio subsystem without end-user intervention. For example, the BIOS can populate
the Extended Paging Registers with valuable information for both the audio driver and the operating
system such as gain and attenuation stages, input population and input phase. With this input infor-
mation, the IDT driver will automatically provide to the Volume Control Panel only the volume sliders
that are implemented in the system, thus improving the end-user's experience with the PC.
The information in the Extended Paging Registers will also allow for automatic configuration of
microphone inputs, the ability to switch between SPDIF and analog outputs, the routing of the mas-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com