Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9752 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 3 Page - Integrated Device Technology

  STAC9752 Datasheet HTML 1Page - Integrated Device Technology STAC9752 Datasheet HTML 2Page - Integrated Device Technology STAC9752 Datasheet HTML 3Page - Integrated Device Technology STAC9752 Datasheet HTML 4Page - Integrated Device Technology STAC9752 Datasheet HTML 5Page - Integrated Device Technology STAC9752 Datasheet HTML 6Page - Integrated Device Technology STAC9752 Datasheet HTML 7Page - Integrated Device Technology STAC9752 Datasheet HTML 8Page - Integrated Device Technology STAC9752 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
3
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
5.3.8. Slot 12: Audio GPIO Control Channel ............................................................................... 36
5.4. AC-Link Input Frame (SDATA_IN) ................................................................................................. 36
5.4.1. Slot 0: TAG ........................................................................................................................37
5.4.2. Slot 1: Status Address Port / SLOTREQ signalling bits .....................................................37
5.4.3. Slot 2: Status Data Port ..................................................................................................... 38
5.4.4. Slot 3: PCM Record Left Channel ..................................................................................... 38
5.4.5. Slot 4: PCM Record Right Channel ................................................................................... 38
5.4.6. Slot 5: Modem Line 1 ADC ................................................................................................ 38
5.4.7. Slot 6 - 9: ADC ................................................................................................................... 38
5.4.8. Slots 7 & 8: Vendor Reserved ........................................................................................... 39
5.4.9. Slot 10 & 11: ADC ............................................................................................................. 39
5.4.10. Slot 12: Reserved ............................................................................................................ 39
5.5. AC-Link Interoperability Requirements and Recommendations ...................................................... 40
5.5.1. “Atomic slot” Treatment of Slot 1 Address and Slot 2 Data ...............................................40
5.6. Slot Assignments for Audio ............................................................................................................. 41
6. STAC9752/9753 MIXER ..........................................................................................................43
7. MIXER FUNCTIONAL DIAGRAMS ........................................................................................44
7.1. Analog Mixer Input ......................................................................................................................... 45
7.2. Mixer Analog Output ....................................................................................................................... 45
7.3. SPDIF Digital Mux ...........................................................................................................................45
7.4. PC Beep Implementation ................................................................................................................ 46
7.4.1. Analog PC Beep ................................................................................................................ 46
7.4.2. Digital PC Beep ................................................................................................................. 46
8. PROGRAMMING REGISTERS ...............................................................................................47
8.1. Register Descriptions ...................................................................................................................... 48
8.1.1. Reset (00h) ....................................................................................................................... 48
8.1.2. Master Volume Registers (02h) ........................................................................................ 48
8.1.3. Headphone Volume Registers (04h) ................................................................................. 49
8.1.4. Master Volume MONO (06h) ............................................................................................ 50
8.1.5. PC BEEP Volume (0Ah) ................................................................................................... 51
8.1.6. Phone Volume (Index 0Ch) .............................................................................................. 51
8.1.7. Mic Volume (Index 0Eh) .................................................................................................... 52
8.1.8. LineIn Volume (Index 10h) ............................................................................................... 52
8.1.9. CD Volume (Index 12h) .................................................................................................... 53
8.1.10. Video Volume (Index 14h) ............................................................................................. 53
8.1.11. Aux Volume (Index 16h) ................................................................................................. 54
8.1.12. PCMOut Volume (Index 18h) ......................................................................................... 54
8.1.13. Record Select (1Ah) ....................................................................................................... 55
8.1.14. Record Gain (1Ch) ......................................................................................................... 55
8.1.15. General Purpose (20h) ................................................................................................... 56
8.1.16. 3D Control (22h) ............................................................................................................. 56
8.1.17. Audio Interrupt and Paging (24h) .................................................................................... 57
8.1.18. Powerdown Ctrl/Stat (26h) .............................................................................................. 58
8.1.19. Extended Audio ID (28h) ................................................................................................ 59
8.1.20. Extended Audio Control/Status (2Ah) ............................................................................. 61
8.1.21. PCM DAC Rate Registers (2Ch and 32h) ...................................................................... 63
8.1.22. PCM DAC Rate (2Ch) .................................................................................................... 63
8.1.23. PCM LR ADC Rate (32h) ............................................................................................... 63
8.1.24. SPDIF Control (3Ah) ........................................................................................................ 64
8.2. General Purpose Input & Outputs ................................................................................................... 64
8.2.1. EAPD ................................................................................................................................. 64
8.2.2. GPIO Pin Definitions .......................................................................................................... 65
8.2.3. GPIO Pin Implementation .................................................................................................. 65
8.2.4. Extended Modem Status and Control Register (3Eh) ........................................................65
8.2.5. GPIO Pin Configuration Register (4Ch) ............................................................................. 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com