Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9752 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 4 Page - Integrated Device Technology

  STAC9752 Datasheet HTML 1Page - Integrated Device Technology STAC9752 Datasheet HTML 2Page - Integrated Device Technology STAC9752 Datasheet HTML 3Page - Integrated Device Technology STAC9752 Datasheet HTML 4Page - Integrated Device Technology STAC9752 Datasheet HTML 5Page - Integrated Device Technology STAC9752 Datasheet HTML 6Page - Integrated Device Technology STAC9752 Datasheet HTML 7Page - Integrated Device Technology STAC9752 Datasheet HTML 8Page - Integrated Device Technology STAC9752 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
4
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
8.2.6. GPIO Pin Polarity/Type Register (4Eh) ............................................................................. 66
8.2.7. GPIO Pin Sticky Register (50h) ......................................................................................... 66
8.2.8. GPIO Pin Mask Register (52h) .......................................................................................... 67
8.2.9. GPIO Pin Status Register (54h) ........................................................................................ 67
8.3. Extended CODEC Registers Page Structure Definition .................................................................. 68
8.3.1. Extended Registers Page 00 ............................................................................................. 68
8.3.2. Extended Registers Page 01 ............................................................................................. 68
8.3.3. Extended Registers Page 02, 03 ....................................................................................... 68
8.4. STAC9752/9753 Paging Registers ................................................................................................. 69
8.4.1. CODEC Class/Rev (60h
Page 01h ) ............................................................................... 69
8.4.2. PCI SVID (62h
Page 01h) ............................................................................................... 70
8.4.3. PCI SSID (64h
Page 01h) ............................................................................................... 70
8.4.4. Function Select (66h
Page 01h) ...................................................................................... 71
8.4.5. Function Information (68h
Page 01h ) .............................................................................. 72
8.4.6. Digital Audio Control (6Ah, Page 00h) ............................................................................... 73
8.4.7. Sense Details (6Ah
Page 01h) ........................................................................................ 74
8.4.8. Revision Code (6Ch) ........................................................................................................ 76
8.4.9. Analog Special (6Eh) ......................................................................................................... 76
8.4.10. Analog Current Adjust (72h) ............................................................................................ 77
8.4.11. EAPD Access Register (74h) .......................................................................................... 77
8.4.12. High Pass Filter Bypass (78h) ........................................................................................ 78
8.5. Vendor ID1 and ID2 (Index 7Ch and 7Eh) ...................................................................................... 79
8.5.1. Vendor ID1 (7Ch) ............................................................................................................. 79
8.5.2. Vendor ID2 (7Eh) ............................................................................................................... 79
9. LOW POWER MODES ...........................................................................................................80
10. MULTIPLE CODEC SUPPORT ............................................................................................82
10.1. Primary/Secondary CODEC Selection .......................................................................................... 82
10.1.1. Primary CODEC Operation ............................................................................................ 82
10.1.2. Secondary CODEC Operation ........................................................................................ 82
10.2. Secondary CODEC Register Access Definitions .......................................................................... 83
11. TESTABILITY ........................................................................................................................84
11.0.1. ATE Test Mode ................................................................................................................ 84
12. PIN DESCRIPTION ................................................................................................................85
12.1. Digital I/O ...................................................................................................................................... 86
12.2. Analog I/O .................................................................................................................................... 87
12.3. Filter/References .......................................................................................................................... 88
12.4. Power and Ground Signals .......................................................................................................... 88
13. ORDERING INFORMATION ..................................................................................................89
14. PACKAGE DRAWING ...........................................................................................................89
15. 48-PIN LQFP SOLDER REFLOW PROFILE .........................................................................90
15.1. Standard Reflow Profile Data ........................................................................................................ 90
15.2. Pb Free Process - Package Classification Reflow Temperatures ................................................. 91
16. APPENDIX A: PROGRAMMING REGISTERS .....................................................................92
17. REVISION HISTORY .............................................................................................................94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com