Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9752 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 4Page - Integrated Device Technology STAC9752 Datasheet HTML 5Page - Integrated Device Technology STAC9752 Datasheet HTML 6Page - Integrated Device Technology STAC9752 Datasheet HTML 7Page - Integrated Device Technology STAC9752 Datasheet HTML 8Page - Integrated Device Technology STAC9752 Datasheet HTML 9Page - Integrated Device Technology STAC9752 Datasheet HTML 10Page - Integrated Device Technology STAC9752 Datasheet HTML 11Page - Integrated Device Technology STAC9752 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
8
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
ter volume slider to the proper physical output, and SoftEQ configurations. The fully parametric IDT
SoftEQ can be initiated upon jack insertion and sensed impedance levels.
The STAC9752/9753 also offers 2 styles of PC BEEP; Analog and Digital. The digital PC Beep is a
new feature added to the AC’97 Specification Rev 2.3.
The STAC9752/9753 is designed primarily to support stereo (2-speaker) audio. True AC-3 playback
can be achieved for 6-speaker applications by taking advantage of the multi-CODEC option avail-
able in the STAC9752/9753 to support multiple CODECs in an AC'97 architecture. Additionally, the
STAC9752/9753 provides for a stereo enhancement feature, IDT Surround 3D (SS3D). SS3D pro-
vides the listener with several options for improved speaker separation beyond the normal two- or
four-speaker arrangements.
The STAC9752/9753 can be SoundBlaster® and Windows Sound System® compatible when used
with IDT’s WDM driver for Windows 98/2K/ME/XP or with Intel/Microsoft driver included with Win-
dows 2K/ME/XP. SoundBlaster is a registered trademark of Creative Labs. Windows is a registered
trademark of Microsoft Corporation.
1.2.
STAC9752/9753 Block Diagram
Figure 1. Block Diagram
1.3.
Key Specifications
•
Analog LINE_OUT SNR: 90 dB
•
STAC9752 DAC SNR: 89 dB
•
STAC9753 DAC SNR: 84dB
•
STAC9752 ADC SNR: 90 dB
•
STAC9753 ADC SNR: 88 dB
•
Crosstalk between Input Channels: -70 dB
•
Spurious Tone Rejection: 100 dB
HP_OUT
AC-link
Digital
Interface
Registers
64x16 bits
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
RESET#
Power
Management
DAC
DAC
ADC
ADC
PCM out DACs
PCM in ADCs
4 stereo
sources
2 mono
sources
MONO_OUT
Mic Boost
0,10,20
or 30 dB
MIC1
Stereo
Mono
MIXER
Analog mixing
and Gain Control
M
U
X
MIC2
LINE_OUT
Multi-Codec
CID0
CID1
SPDIF
Variable Sample Rate
20-Bit DACs and
20-Bit ADCs
EAPD
GPIO0
GPIO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com