Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9752 Datasheet(PDF) 45 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 45 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 41Page - Integrated Device Technology STAC9752 Datasheet HTML 42Page - Integrated Device Technology STAC9752 Datasheet HTML 43Page - Integrated Device Technology STAC9752 Datasheet HTML 44Page - Integrated Device Technology STAC9752 Datasheet HTML 45Page - Integrated Device Technology STAC9752 Datasheet HTML 46Page - Integrated Device Technology STAC9752 Datasheet HTML 47Page - Integrated Device Technology STAC9752 Datasheet HTML 48Page - Integrated Device Technology STAC9752 Datasheet HTML 49Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
45
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
7.1.
Analog Mixer Input
The mixer provides recording and playback of any audio sources or output mix of all sources. The
STAC9752/9753 supports the following input sources:
•
any mono or stereo source
•
mono or stereo mix of all sources
•
2-channel input w/mono output reference (microphone or stereo mix)
Note: All unused inputs should be tied together and connected to ground through a capacitor (0.1
µF
suggested).
Note: The MIC should be tied to ground through a separate 0.1
µF capacitor.
7.2.
Mixer Analog Output
The mixer generates three distinct outputs:
•
A stereo mix of all sources for output to the LINE_OUT
•
A stereo mix of all sources for output to HP_OUT
•
A mono, microphone only, or mix of all sources, for MONO_OUT
7.3.
SPDIF Digital Mux
The STAC9752/9753 incorporates a digital output that supports SPDIF formats. A multiplexer deter-
mines which of two digital input streams are used for the digital output conversion process. These
two streams include the PCM_OUT data from the audio controller and the ADC recorded output. The
normal analog LINE_OUT signal can be converted to the SPDIF formats by using the internal ADC
to record the “MIX” output, which is the combination of all analog and all digital sources. In the case
of digital controllers with support for 4 or more channels, the SPDIF output mode can be used to
support compressed 6-channel output streams for delivery to home theater systems. These can be
routed on alternate AC-Link slots to the SPDIF output, while the standard 2-channel output is deliv-
ered as selected by bits D5 and D4 in Register 6E. If the digital controller supports 6 channels, a
SPDIF output with 4 analog channels can also be configured.
If the Digital Controller has independent DMA engines, SPDIF and Analog can be used simulta-
neously and independently.
Pin 48: To Enable SPDIF, use an 1 K
Ω to 10 K Ω external pulldown. To Disable SPDIF, use an 1 KΩ
to 10 K
Ω external pullup. Do NOT leave Pin 48 floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com