Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9752 Datasheet(PDF) 78 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 78 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 74Page - Integrated Device Technology STAC9752 Datasheet HTML 75Page - Integrated Device Technology STAC9752 Datasheet HTML 76Page - Integrated Device Technology STAC9752 Datasheet HTML 77Page - Integrated Device Technology STAC9752 Datasheet HTML 78Page - Integrated Device Technology STAC9752 Datasheet HTML 79Page - Integrated Device Technology STAC9752 Datasheet HTML 80Page - Integrated Device Technology STAC9752 Datasheet HTML 81Page - Integrated Device Technology STAC9752 Datasheet HTML 82Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
78
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
8.4.12.
High Pass Filter Bypass (78h)
To unlock Register 78h, write 0xABBA to Register 76h.
Default: 0000h
Bit(s) Reset Value
Name
Description
15
0
EAPD
EAPD data Enable
EAPD data is output on the EAPD pin when bit D11 = 1
EAPD data is input on the EAPD pin when bit D11 = 0
14:12
0
Reserved
Bits not used, should read back 0
11
1
EAPD_OEN
EAPD Pin Enable
0 = EAPD configured as input pin
1 = EAPD configured as output pin
10:3
0
Reserved
Bits not used, should read back 0
2
0
INTDIS
Interrupt disable option.
Interrupts cleared by writing a 1 to I4 (Reg24h:D15)
0 = Will clear both SENSE and GPIO interrupts
1 = Will only clear SENSE interrupts. GPIO interrupts will have to be cleared in
Reg54h.
1
0
GPIOACC
GPIO ACCESS
0 = ACLINK access from GPIO Pads
1 = ACLINK access from GPIO Register 54h
0
0
GPIOSLT12
0 = GPIO0/1 access via Reg 54h when GPIO is set as an output, for input, Slot
12 data will be 0h.
1 = GPIO0/1 access via Slot 12 when GPIO is set as an output, for inputs,
Reg54h will not be updated.
This can only be used if a modem CODEC is not present in the system and using
Slot 12.
D15
D14
D13
D12
D11
D10
D9
D8
RESERVED
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
ADC HPF BYP
Bit(s) Reset Value
Name
Description
15:1
0
RESERVED
Bits not used, should read back 0
0
0
ADC HPF BYP
0 = ADC High Pass Filter active, (Normal operation)
1 = ADC High Pass Filter Bypass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com