Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9752 Datasheet(PDF) 33 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 33 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 29Page - Integrated Device Technology STAC9752 Datasheet HTML 30Page - Integrated Device Technology STAC9752 Datasheet HTML 31Page - Integrated Device Technology STAC9752 Datasheet HTML 32Page - Integrated Device Technology STAC9752 Datasheet HTML 33Page - Integrated Device Technology STAC9752 Datasheet HTML 34Page - Integrated Device Technology STAC9752 Datasheet HTML 35Page - Integrated Device Technology STAC9752 Datasheet HTML 36Page - Integrated Device Technology STAC9752 Datasheet HTML 37Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
33
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
Figure 15. AC-Link Audio Output Frame
A new AC-Link output frame begins with a low to high transition of SYNC. SYNC is synchronous to
the rising edge of BIT_CLK. On the immediately following falling edge of BIT_CLK, the AC‘97
CODEC samples the assertion of SYNC. This falling edge marks the time when both sides of
AC-Link are aware of the start of a new audio frame. On the next rising of BIT_CLK, the AC‘97 Con-
troller transitions SDATA_OUT into the first bit position of slot 0 (Valid Frame bit). Each new bit posi-
tion is presented to AC-Link on a rising edge of BIT_CLK, and subsequently sampled by the AC‘97
CODEC on the following falling edge of BIT_CLK. This sequence ensures that data transitions and
subsequent sample points for both incoming and outgoing data streams are time aligned.
Figure 16. Start of an Audio Output Frame
SDATA_OUT’s composite stream is sent MSB first, with all non-valid slots bit positions stuffed with 0
by the AC‘97 Controller. If there are less than 20 valid bits within an assigned and valid time slot, the
AC‘97 Controller always stuffs the trailing non-valid bit positions of the 20-bit slot with 0.
As an example, consider an 8-bit sample stream that is being played out to one of the STAC9752/
9753 DACs. The first 8 bit-positions are presented to the DAC (MSB first) followed by the next 12
bit-positions which are stuffed with 0 by the AC‘97 Controller. This ensures that regardless of the
resolution of the implemented DAC (16, 18 or 20-bit), no DC biasing will be introduced by the least
significant bits.
When mono audio sample streams are output from the AC‘97 Controller, it is necessary that BOTH
left and right sample stream time slots be filled with the same data.
SYNC
BIT_CLK
SDATA_OUT
slot1
slot2
End of previous audio frame
slot(12)
"0"
19
Data Phase
20.8 uS (48 kHZ)
Tag Phase
12.288 MHz
Time Slot "Valid" Bits
Slot 1
Slot 2
Slot 3
Slot 12
("1" = time slot contains valid PCM data)
CID1 CID0
valid
"0"
19
19
"0"
Frame
19
"0"
"0"
SYNC
BIT_CLK
SDATA_OUT
slot1
slot2
End of previous audio frame
valid
Frame
SYNC
asserted
first
SDATA_OUT
bit of frame
SYNC
detected by
codec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com