Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9752 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 5 Page - Integrated Device Technology

  STAC9752 Datasheet HTML 1Page - Integrated Device Technology STAC9752 Datasheet HTML 2Page - Integrated Device Technology STAC9752 Datasheet HTML 3Page - Integrated Device Technology STAC9752 Datasheet HTML 4Page - Integrated Device Technology STAC9752 Datasheet HTML 5Page - Integrated Device Technology STAC9752 Datasheet HTML 6Page - Integrated Device Technology STAC9752 Datasheet HTML 7Page - Integrated Device Technology STAC9752 Datasheet HTML 8Page - Integrated Device Technology STAC9752 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
5
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
LIST OF FIGURES
Figure 1. Block Diagram ................................................................................................................................. 8
Figure 2. Cold Reset Timing ......................................................................................................................... 16
Figure 3. Warm Reset Timing ....................................................................................................................... 16
Figure 4. Clocks Timing ............................................................................................................................... 17
Figure 5. Data Setup and Hold Timing ......................................................................................................... 18
Figure 6. Signal Rise and Fall Times Timing ................................................................................................ 18
Figure 7. AC-Link Low Power Mode Timing
.............................................................................................. 19
Figure 8. ATE Test Mode Timing
............................................................................................................... 19
Figure 9. Typical Connection Diagram .......................................................................................................... 20
Figure 10. Split Independent Power Supply Operation ................................................................................. 22
Figure 11. AC-Link to its Companion Controller ........................................................................................... 23
Figure 12. CODEC Clock Source Detection .................................................................................................. 24
Figure 13. STAC9752/9753 Powerdown Timing .......................................................................................... 27
Figure 14. Bi-directional AC-Link Frame with Slot assignments ................................................................... 29
Figure 15. AC-Link Audio Output Frame ...................................................................................................... 33
Figure 16. Start of an Audio Output Frame ................................................................................................... 33
Figure 17. STAC9752/9753 Audio Input Frame ........................................................................................... 36
Figure 18. Start of an Audio Input Frame ...................................................................................................... 36
Figure 19. Bi-directional AC-Link Frame with Slot assignments ................................................................... 41
Figure 20. STAC9752 2-Channel Mixer Functional Diagram ........................................................................ 44
Figure 21. STAC9753 2-Channel Mixer Functional Diagram .......................................................................44
Figure 22. Example of STAC9752/9753 Powerdown/Powerup flow
...........................................................80
Figure 23. Powerdown/Powerup flow with analog still alive ......................................................................... 81
Figure 24. Pin Description Drawing ............................................................................................................... 85
Figure 25. Reflow Profile ..............................................................................................................................90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com