Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9752 Datasheet(PDF) 79 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 79 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 75Page - Integrated Device Technology STAC9752 Datasheet HTML 76Page - Integrated Device Technology STAC9752 Datasheet HTML 77Page - Integrated Device Technology STAC9752 Datasheet HTML 78Page - Integrated Device Technology STAC9752 Datasheet HTML 79Page - Integrated Device Technology STAC9752 Datasheet HTML 80Page - Integrated Device Technology STAC9752 Datasheet HTML 81Page - Integrated Device Technology STAC9752 Datasheet HTML 82Page - Integrated Device Technology STAC9752 Datasheet HTML 83Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
79
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
8.5.
Vendor ID1 and ID2 (Index 7Ch and 7Eh)
These two registers contain four 8-bit ID codes. The first three codes have been assigned by
Microsoft using their Plug and Play Vendor ID methodology. The fourth code is a manufacturer
assigned code identifying the STAC9752/9753. The ID1 register (index 7Ch) contains the value
8384h, which is the first (83h) and second (84h) bytes of the Microsoft ID code. The ID2 register
(index 7Eh) contains the value 7652h, which is the third (76h) byte of the Microsoft ID code, and 52h
which is the STAC9752/9753 ID code.
8.5.1.
Vendor ID1 (7Ch)
Default: 8384h
8.5.2.
Vendor ID2 (7Eh)
Default: 7652h
D15
D14
D13
D12
D11
D10
D9
D8
1
0
0
0
0
0
1
1
D7
D6
D5
D4
D3
D2
D1
D0
1
0
0
0
0
1
0
0
D15
D14
D13
D12
D11
D10
D9
D8
0
1
1
1
0
1
1
0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
1
0
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com