Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9752 Datasheet(PDF) 76 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 76 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 72Page - Integrated Device Technology STAC9752 Datasheet HTML 73Page - Integrated Device Technology STAC9752 Datasheet HTML 74Page - Integrated Device Technology STAC9752 Datasheet HTML 75Page - Integrated Device Technology STAC9752 Datasheet HTML 76Page - Integrated Device Technology STAC9752 Datasheet HTML 77Page - Integrated Device Technology STAC9752 Datasheet HTML 78Page - Integrated Device Technology STAC9752 Datasheet HTML 79Page - Integrated Device Technology STAC9752 Datasheet HTML 80Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
76
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
8.4.8.
Revision Code (6Ch)
To access Register 6Ch, Page 00h must be selected in Register 24h.
Default: 00xxh
8.4.9.
Analog Special (6Eh)
To access Register 6Eh, Page 00h must be selected in Register 24h.
Default: 1000h
D15
D14
D13
D12
D11
D10
D9
D8
MINORREV
D7
D6
D5
D4
D3
D2
D1
D0
MAJORREV
Bit(s) Reset Value
Name
Description
15:8
00h
MINORREV
Minor Revision ID. These bits are read only and will be updated based on minor
device changes which will not require software changes.
7:0
xxh
MAJORREV
Major Revision ID. These bits are read only and will be updated based on major
device changes.
D15
D14
D13
D12
D11
D10
D9
D8
RESERVED
AC97MIX
RESERVED
D7
D6
D5
D4
D3
D2
D1
D0
RSVD
MUTEFIX
DISABLE
ADCSLT1
ADCSLT0
RSVD
MIC GAIN
VAL
SPLYOVR EN
SPLYOVR VAL
Bit(s) Reset Value
Name
Description
15:13
0
RESERVED
Bits not used, should read back 0
12
1
AC97MIX
0 = Mixer record contains a mix of all mono and stereo analog input signals,
not the DAC (ALL ANALOG mode).
1 = Mixer record contains a mix of all mono and stereo analog input signals
plus the DAC signal (AC’97 mode).
This bit only has an effect when either Stereo Mix or Mono Mix is selected as
the record source in Reg 1Ah.
The “ALL” mode is useful in conjunction with the POP BYPASS mode (Reg
20h; D15) to record all analog sources, perform further processing in the
digital domain, including combining with other PCM data, and routing through
the DACs directly to Line Out, Headphone Out, or Mono Out.
A Stereo Mix recording will be affected by the setting of the 3D Effects bit
(Reg 20h; D13)
11:7
0
RESERVED
Bits not used, should read back 0
6
0
MUTEFIX
DISABLE
0 = MUTE FIX Enabled
1 = MUTE FIX Disabled
When this bit is zero, and either channel is set to -46.5dB attenuation (1Fh),
then that channel is fully muted. When this bit is one, then operation is per
AC’97 specification.
5:4
0
ADCSLT1:0
Select slots for ADC data on ACLINK
00 = Left slot 3, right slot 4
01 = Left slot 7, right slot 8
10 = Left slot 6, right slot 9
11 = Left slot 10, right slot 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com