Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9752 Datasheet(PDF) 35 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 35 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 31Page - Integrated Device Technology STAC9752 Datasheet HTML 32Page - Integrated Device Technology STAC9752 Datasheet HTML 33Page - Integrated Device Technology STAC9752 Datasheet HTML 34Page - Integrated Device Technology STAC9752 Datasheet HTML 35Page - Integrated Device Technology STAC9752 Datasheet HTML 36Page - Integrated Device Technology STAC9752 Datasheet HTML 37Page - Integrated Device Technology STAC9752 Datasheet HTML 38Page - Integrated Device Technology STAC9752 Datasheet HTML 39Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
35
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
AC-Link output frame slot 1 communicates control register address, and write/read command infor-
mation to the STAC9752/9753.
The first bit (MSB) sampled by AC‘97 indicates whether the current control transaction is a read or a
write operation. The following 7 bit positions communicate the targeted control register address. The
trailing 12 bit positions within the slot are reserved and must be stuffed with 0 by the AC‘97 Control-
ler.
5.3.3.
Slot 2: Command Data Port
The command data port is used to deliver 16-bit control register write data in the event that the cur-
rent command port operation is a write cycle (as indicated by Slot 1, bit 19).
•
Bit(19:4) Control Register Write Data (Stuffed with 0 if current operation is a read)
•
Bit(3:0) Reserved (Stuffed with 0)
If the current command port operation is a read then the entire slot time must be stuffed with 0 by the
AC‘97 Controller.
5.3.4.
Slot 3: PCM Playback Left Channel
AC-Link output frame slot 3 is the composite digital audio left playback stream. In a typical “Games
Compatible” PC this slot is composed of standard PCM (.wav) output samples digitally mixed (on the
AC‘97 Controller or host processor) with music synthesis output samples. If a sample stream of res-
olution less than 20-bits is transferred, the AC‘97 Controller must stuff all trailing non-valid bit posi-
tions within this time slot with 0.
The DAC can be assigned to slots 3&4, 6&9, 7&8, or 10&11.
5.3.5.
Slot 4: PCM Playback Right Channel
AC-Link output frame slot 4 is the composite digital audio right playback stream. In a typical “Games
Compatible” PC this slot is composed of standard PCM (.wav) output samples digitally mixed (on the
AC‘97 Controller or host processor) with music synthesis output samples. If a sample stream of res-
olution less than 20-bits is transferred, the AC‘97 Controller must stuff all trailing non-valid bit posi-
tions within this time slot with 0.
The DAC can be assigned to slots 3&4, 6&9, 7&8, or 10&11.
5.3.6.
Slot 5: Modem Line 1 Output Channel
Audio output frame slot 5 is reserved for modem operation and is not used by the STAC9752/9753.
5.3.7.
Slot 6 - 11: DAC
The DAC can be assigned to slots 3&4, 6&9, 7&8, or 10&11.
Table 8. Command Address Port Bit Assignments
Bit
Description
Comments
19
Read/Write command
1= read, 0 = write
18:12
Control Register Index
Sixty-four 16-bit locations, addressed on even byte boundaries
11:0
Reserved
Stuffed with 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com