Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9752 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 1 Page - Integrated Device Technology

  STAC9752 Datasheet HTML 1Page - Integrated Device Technology STAC9752 Datasheet HTML 2Page - Integrated Device Technology STAC9752 Datasheet HTML 3Page - Integrated Device Technology STAC9752 Datasheet HTML 4Page - Integrated Device Technology STAC9752 Datasheet HTML 5Page - Integrated Device Technology STAC9752 Datasheet HTML 6Page - Integrated Device Technology STAC9752 Datasheet HTML 7Page - Integrated Device Technology STAC9752 Datasheet HTML 8Page - Integrated Device Technology STAC9752 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 95 page
background image
DATASHEET
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE
DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
STAC9752/9753
IDT™
1
STAC9752/9753
V 3.3 101006
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
Description
IDT's STAC9752/9753 are general purpose 20-bit, full
duplex, audio CODECs conforming to the analog
component specification of AC'97 (Audio CODEC 97
Component Specification Rev. 2.3). The STAC9752/9753
incorporate IDT's proprietary
Σ∆ technology to achieve a
DAC SNR in excess of 90dB. The DACs, ADCs and mixer
are integrated with analog I/Os, which include four analog
line-level stereo inputs, two analog line-level mono inputs,
two stereo outputs, and one mono output channel. The
STAC9752/9753 include digital output capability for support
of modern PC systems with an output that supports the
SPDIF format. The STAC9752/9753 are standard
2-channel stereo CODECs. With IDT’s headphone
capability, headphones can be driven without an external
amplifier. The STAC9752/9753 may be used as a
secondary or tertiary CODECs, with STAC9700/21/44/56/
08/84/50/66 as the primary, in a multiple CODEC
configuration conforming to the AC'97 Rev. 2.3
specification. This configuration can provide the true
six-channel, AC-3 playback required for DVD applications.
The STAC9752/9753 communicate via the five AC-Link
lines to any digital component of AC'97, providing flexibility
in the audio system design. Packaged in an AC'97
compliant 48-pin TQFP, the STAC9752/9753 can be placed
on the motherboard, daughter boards, PCI, AMR, CNR,
MDC or ACR cards.
Features
•
High performance
Σ∆ technology
•
AC’97 Rev 2.3 compliant
•
20-bit full duplex stereo ADCs, DACs
•
Independent sample rates for ADCs & DACs
•
5-wire AC-Link protocol compliance
•
20-bit SPDIF Output
•
Internal Jack Sensing on Headphone and Line_Out
•
Internal Microphone Input Sensing
•
Digital PC Beep Option
•
Extended AC’97 2.3 Paging Registers
•
Adjustable VREF amplifier
•
Digital-ready status
•
General purpose I/Os
•
Crystal Elimination Circuit
•
Headphone drive capability (50 mW)
•
0dB, 10dB, 20dB, and 30dB microphone boost
capability
•
+3.3 V (STAC9753) and +5 V (STAC9752) analog
power supply options
•
Pin compatible with the STAC9700, STAC9721,
STAC9756
•
100% pin compatible with STAC9750 and
STAC9766
•
IDT Surround (SS3D) Stereo Enhancement
•
Energy saving dynamic power modes
•
Multi-CODEC option (Intel AC'97 rev 2.3)
•
Six analog line-level inputs
•
90dB SNR Line to Line
•
SNR > 89dB through Mixer and DAC


Similar Part No. - STAC9752

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9752A IDT-STAC9752A Datasheet
625Kb / 106P
AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
STAC9752AXNAEYYX IDT-STAC9752AXNAEYYX Datasheet
625Kb / 106P
AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
STAC9752AXTAEYYX IDT-STAC9752AXTAEYYX Datasheet
625Kb / 106P
AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
More results

Similar Description - STAC9752

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9707 WOLFSON-WM9707_06 Datasheet
333Kb / 35P
AC 97 Revision 2.1 Audio CODEC with SPDIF Output
logo
Integrated Device Techn...
STAC9766 IDT-STAC9766 Datasheet
438Kb / 97P
TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
STAC9752A IDT-STAC9752A Datasheet
625Kb / 106P
AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
STAC9750 IDT-STAC9750 Datasheet
634Kb / 73P
VALUE-LINE TWO-CHANNEL AC??7 CODECS
logo
List of Unclassifed Man...
ALC250 ETC2-ALC250 Datasheet
619Kb / 46P
TWO CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
logo
Realtek Semiconductor C...
ALC203 REALTEK-ALC203 Datasheet
725Kb / 50P
TWO-CHANNEL AC??7 2.3 AUDIO CODEC
ALC250 REALTEK-ALC250 Datasheet
655Kb / 47P
TWO-CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
ALC655 REALTEK-ALC655 Datasheet
654Kb / 40P
SIX-CHANNEL AC??7 2.3 AUDIO CODEC
ALC658 REALTEK-ALC658 Datasheet
597Kb / 51P
SIX-CHANNEL AC??7 2.3 AUDIO CODEC
ALC850 REALTEK-ALC850 Datasheet
596Kb / 56P
EIGHT CHANNEL AC??7 2.3 AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com