Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9752 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 6Page - Integrated Device Technology STAC9752 Datasheet HTML 7Page - Integrated Device Technology STAC9752 Datasheet HTML 8Page - Integrated Device Technology STAC9752 Datasheet HTML 9Page - Integrated Device Technology STAC9752 Datasheet HTML 10Page - Integrated Device Technology STAC9752 Datasheet HTML 11Page - Integrated Device Technology STAC9752 Datasheet HTML 12Page - Integrated Device Technology STAC9752 Datasheet HTML 13Page - Integrated Device Technology STAC9752 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
10
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
2. CHARACTERISTICS AND SPECIFICATIONS
2.1.
Electrical Specifications
2.1.1.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the STAC9752/9753. These ratings, which are standard
values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other
conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the
recommended operating temperature range.
2.1.2.
Recommended Operation Conditions
Item
Pin
Maximum Rating
Analog maximum supply voltage
AVdd
6 Volts
Digital maximum supply voltage
DVdd
5.5 Volts
VREFOUT output current
5 mA
Voltage on any pin relative to ground
Vss - 0.3 V to Vdd + 0.3 V
Operating temperature
0oC to +70oC
Storage temperature
-55 oC to +125 oC
Soldering temperature
260
oC for 10 seconds *
Soldering temperature information for all available packages
begins on page 90.
Parameter
Min.
Typ.
Max.
Units
Power Supply Voltage
Digital - 3.3 V
3.135
3.3
3.465
V
Analog - 5 V
4.75
5
5.25
V
Analog - 3.3 V
3.135
3.3
3.465
V
Ambient Operating Temperature
0
+70
°C
Case Temperature
Tcase (48-LQFP)
+90
°C
ESD: The STAC9752/9753 is an ESD (electrostatic discharge) sensitive device. The human body and test
equipment can accumulate and discharge electrostatic charges up to 4000 Volts without detection. Even though
the STAC9752/9753 implements internal ESD protection circuitry, proper ESD precautions should be followed to
avoid damaging the functionality or performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com