Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9752 Datasheet(PDF) 49 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 49 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 45Page - Integrated Device Technology STAC9752 Datasheet HTML 46Page - Integrated Device Technology STAC9752 Datasheet HTML 47Page - Integrated Device Technology STAC9752 Datasheet HTML 48Page - Integrated Device Technology STAC9752 Datasheet HTML 49Page - Integrated Device Technology STAC9752 Datasheet HTML 50Page - Integrated Device Technology STAC9752 Datasheet HTML 51Page - Integrated Device Technology STAC9752 Datasheet HTML 52Page - Integrated Device Technology STAC9752 Datasheet HTML 53Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
49
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
8.1.3.
Headphone Volume Registers (04h)
Default: 8000h
Bit(s)
Reset Value
Name
Description
15
1
Mute
0 = No mute
1 = Mutes both left & right channels
14
0
RESERVED
Bit not used, should read back 0
13
0
ML5
0 = Lineout attenuation is a function of bits12-8
1 = Forces register bits 12-8 to be 11111. Always reads back 0.
12:8
0
ML<4:0>
Left Lineout Volume Control
00000 = 0dB attenuation
00001 = 1.5dB attenuation
.....
11111 = 46.5dB attenuation
7:6
0
RESERVED
Bits not used, should read back 0
5
0
MR5
0 = Lineout attenuation is a function of bits 4-0
1 = Forces register bits 4-0 to be 11111
Always reads back 0
4:0
0
MR<4:0>
Right Channel Lineout Volume Control
00000 = 0dB attenuation
00001 = 1.5dB attenuation
.....
11111 = 46.5dB attenuation
D15
D14
D13
D12
D11
D10
D9
D8
Mute
RSRVD
HPL5
HPL4
HPL3
HPL2
HPL1
HPL0
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
HPR5
HPR4
HPR3
HPR2
HPR1
HPR0
Bit(s)
Reset Value
Name
Description
15
1
Mute
0 = No mute
1 = Mutes both left & right channels
14
0
RESERVED
Bit not used, should read back 0
13
0
ML5
0 = Headphone attenuation is a function of bits12-8
1 = Forces register bits 12-8 to be 11111. Always reads back 0
12:8
0
ML<4:0>
Left Headphone Volume Control
00000 = 0dB attenuation
00001 = 1.5dB attenuation
.....
11111 = 46.5dB attenuation
7:6
0
RESERVED
Bits not used, should read back 0
5
0
MR5
0 = Headphone attenuation is a function of bits 4-0
1 = Forces register bits 4-0 to be 11111. Always reads back 0
4:0
0
MR<4:0>
Right Channel Headphone Volume Control
00000 = 0dB attenuation
00001 = 1.5dB attenuation
.....
11111 = 46.5dB attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com