Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9752 Datasheet(PDF) 87 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 87 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 83Page - Integrated Device Technology STAC9752 Datasheet HTML 84Page - Integrated Device Technology STAC9752 Datasheet HTML 85Page - Integrated Device Technology STAC9752 Datasheet HTML 86Page - Integrated Device Technology STAC9752 Datasheet HTML 87Page - Integrated Device Technology STAC9752 Datasheet HTML 88Page - Integrated Device Technology STAC9752 Datasheet HTML 89Page - Integrated Device Technology STAC9752 Datasheet HTML 90Page - Integrated Device Technology STAC9752 Datasheet HTML 91Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
87
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
12.2. Analog I/O
These signals connect the STAC9752/9753 to analog sources and sinks, including microphones and
speakers.
Note: * Unused input pins should be tied together and connected to ground through a capacitor (0.1 µF
suggested), except the MIC inputs which should have a separate capacitor to ground.
Note: †The CD_GND signal is an AC signal return for the two CD input channels. It is normally biased at
about 2.5V. The name of the pin in the AC97 specification is CD_GND, and this has confused many
designers. It should not have any DC path to GND. Connecting the CD_GND signal directly to ground
will change the internal bias of the entire CODEC, and cause serious distortion. If there is no analog CD
input, then this pin can be No-Connect.
Table 33. Analog Connection Signals
Pin Name
Pin #
Type
Description
PC_BEEP
12
I*
PC Speaker beep pass-through
PHONE
13
I*
From telephony subsystem speakerphone
AUX_L
14
I*
Aux Left Channel
AUX_R
15
I*
Aux Right Channel
VIDEO_L
16
I*
Video Audio Left Channel
VIDEO_R
17
I*
Video Audio Right Channel
CD_L
18
I*
CD Audio Left Channel
CD_GND
†
19
I*
CD Audio analog signal return (Do NOT ground. See note.
†)
CD_R
20
I*
CD Audio Right Channel
MIC1
21
I*
Desktop Microphone Input
MIC2
22
I*
Second Microphone Input
LINE_IN_L
23
I*
Line In Left Channel
LINE_IN_R
24
I*
Line In Right Channel
LINE_OUT_L
35
O
Line Out Left Channel
LINE_OUT_R
36
O
Line Out Right Channel
MONO_OUT
37
O
To telephony subsystem speakerphone
HP_OUT_L
39
O
Headphone Out Left Channel
HP_COMM
40
O
Headphone Ground Return
HP_OUT_R
41
O
Headphone Out Right Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com