Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9752 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # STAC9752
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button STAC9752 Datasheet HTML 12Page - Integrated Device Technology STAC9752 Datasheet HTML 13Page - Integrated Device Technology STAC9752 Datasheet HTML 14Page - Integrated Device Technology STAC9752 Datasheet HTML 15Page - Integrated Device Technology STAC9752 Datasheet HTML 16Page - Integrated Device Technology STAC9752 Datasheet HTML 17Page - Integrated Device Technology STAC9752 Datasheet HTML 18Page - Integrated Device Technology STAC9752 Datasheet HTML 19Page - Integrated Device Technology STAC9752 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 95 page
background image
STAC9752/9753
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
IDT™
16
STAC9752/9753
REV 3.3 1206
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
2.2.
AC Timing Characteristics
(T
ambient = 25 °C, AVdd = 3.3 V or 5 V ± 5%, DVdd = 3.3 V ± 5%, AVss=DVss=0 V; 75 pF external
load for BIT_CLK and 60 pF external load for SDATA_IN)
2.2.1.
Cold Reset
Figure 2. Cold Reset Timing
Note: BIT_CLK and SDATA_IN are in a high impedance state during reset.
2.2.2.
Warm Reset
Figure 3. Warm Reset Timing
Parameter
Symbol
Min
Typ
Max
Units
RESET# active low pulse width
Tres_low
1.0
-
-
µs
RESET# inactive to SDATA_IN or BIT_CLK active delay
Tri2actv
-
-
25
ns
RESET# inactive to BIT_CLK startup delay
Trst2clk
0.01628
-
400
µs
BIT_CLK active to RESET# asserted (Not shown in diagram)
Tclk2rst
0.416
-
-
µs
Parameter
Symbol
Min
Typ
Max
Units
SYNC active high pulse width
Tsync_high
1.0
1.3
-
µs
SYNC inactive to BIT_CLK startup delay
Tsync2clk
162.8
-
-
ns
Tres_low
Trst2clk
RESET#
BIT_CLK
SDATA_IN
Ttri2actv
Ttri2actv
Tsync_high
Tsync_2clk
SYNC
BIT_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com