Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 21 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 21 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 17Page - PMC-Sierra, Inc PM7367 Datasheet HTML 18Page - PMC-Sierra, Inc PM7367 Datasheet HTML 19Page - PMC-Sierra, Inc PM7367 Datasheet HTML 20Page - PMC-Sierra, Inc PM7367 Datasheet HTML 21Page - PMC-Sierra, Inc PM7367 Datasheet HTML 22Page - PMC-Sierra, Inc PM7367 Datasheet HTML 23Page - PMC-Sierra, Inc PM7367 Datasheet HTML 24Page - PMC-Sierra, Inc PM7367 Datasheet HTML 25Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
7
Alternatively, in the receive direction, the FREEDM-32P32 supports a transparent
operating mode. For each provisioned transparent channel, the FREEDM-
32P32 directly transfers the received octets into host memory verbatim. If the
transparent channel is assigned to a channelised link, then the octets are aligned
to the received time-slots.
In the transmit direction, the PCI Host provides packets to transmit using a
transmit ready queue. For each provisioned HDLC channel, the FREEDM-
32P32 DMA's partial packets across the PCI bus and into the transmit partial
packet buffer. The partial packets are read out of the packet buffer by the
FREEDM-32P32 and frame check sequence is optionally calculated and inserted
at the end of each packet. Bit stuffing is performed before being assigned to a
particular link. The flag sequence is automatically inserted when there is no
packet data for a particular channel. Sequential packets are optionally separated
by two flags (an opening flag and a closing flag) or a single flag (combined
opening and closing flag). Zeros between flags are not shared. PCI bus latency
may cause one or more channels to underflow, in which case, the packets are
aborted, and the host is notified. For normal traffic, an abort sequence is
generated, followed by inter-frame time fill characters (flags or all-ones bytes)
until a new packet is sourced from the PCI host. No attempt is made to
automatically re-transmit an aborted packet.
Alternatively, in the transmit direction, the FREEDM-32P32 supports a
transparent operating mode. For each provisioned transparent channel, the
FREEDM-32P32 directly inserts the transmitted octets from host memory. If the
transparent channel is assigned to a channelised link, then the octets are aligned
to the transmitted time-slots. If a channel underflows due to excessive PCI bus
latency, an abort sequence is generated, followed by inter-frame time fill
characters (flags or all-ones bytes) to indicate idle channel. Data resumes
immediately when the FREEDM-32P32 receives new data from the host.
The FREEDM-32P32 is configured, controlled and monitored using the PCI bus
interface. The FREEDM-32P32 is implemented in low power CMOS technology.
It has TTL compatible inputs and outputs and is packaged in a 272 pin plastic
ball grid array (PBGA) package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com