Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 9 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 9 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 5Page - PMC-Sierra, Inc PM7367 Datasheet HTML 6Page - PMC-Sierra, Inc PM7367 Datasheet HTML 7Page - PMC-Sierra, Inc PM7367 Datasheet HTML 8Page - PMC-Sierra, Inc PM7367 Datasheet HTML 9Page - PMC-Sierra, Inc PM7367 Datasheet HTML 10Page - PMC-Sierra, Inc PM7367 Datasheet HTML 11Page - PMC-Sierra, Inc PM7367 Datasheet HTML 12Page - PMC-Sierra, Inc PM7367 Datasheet HTML 13Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
viii
REGISTER 0X388 : THDL INDIRECT CHANNEL DATA #2 ............................208
REGISTER 0X38C : THDL INDIRECT CHANNEL DATA #3 ........................... 211
REGISTER 0X3A0 : THDL INDIRECT BLOCK SELECT ................................216
REGISTER 0X3A4 : THDL INDIRECT BLOCK DATA .....................................218
REGISTER 0X3B0 : THDL CONFIGURATION ...............................................220
REGISTER 0X400 : TCAS INDIRECT LINK AND TIME-SLOT SELECT ........222
REGISTER 0X404 : TCAS INDIRECT CHANNEL DATA ................................224
REGISTER 0X408 : TCAS FRAMING BIT THRESHOLD ...............................226
REGISTER 0X40C : TCAS IDLE TIME-SLOT FILL DATA...............................228
REGISTER 0X410 : TCAS CHANNEL DISABLE ............................................230
REGISTER 0X480 : TCAS LINK #0 CONFIGURATION .................................232
REGISTER 0X484-0X488 : TCAS LINK #1 TO LINK #2 CONFIGURATION ..234
REGISTER 0X48C : TCAS LINK #3 CONFIGURATION.................................236
REGISTER 0X490-0X4FC : TCAS LINK #4 TO LINK #31 CONFIGURATION238
REGISTER 0X500 : PMON STATUS ..............................................................240
REGISTER 0X504 : PMON RECEIVE FIFO OVERFLOW COUNT................242
REGISTER 0X508 : PMON RECEIVE FIFO UNDERFLOW COUNT .............244
REGISTER 0X50C : PMON CONFIGURABLE COUNT #1.............................246
REGISTER 0X510 : PMON CONFIGURABLE COUNT #2 .............................248
REGISTER 0X00 : VENDOR IDENTIFICATION/DEVICE IDENTIFICATION..251
REGISTER 0X04 : COMMAND/STATUS ........................................................252
REGISTER 0X08 : REVISION IDENTIFIER/CLASS CODE............................256
REGISTER 0X0C : CACHE LINE SIZE/LATENCY TIMER/HEADER TYPE ...257
REGISTER 0X10 : CBI MEMORY BASE ADDRESS REGISTER...................258



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com